Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology LT3028 Datasheet HTML 11Page - Linear Technology LT3028 Datasheet HTML 12Page - Linear Technology LT3028 Datasheet HTML 13Page - Linear Technology LT3028 Datasheet HTML 14Page - Linear Technology LT3028 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT3028
3028f
APPLICATIO S I FOR ATIO
Figure 1. Adjustable Operation
IN1/IN2
3024 F01
R2
LT3028
OUT1/OUT2
VIN
VOUT
ADJ1/ADJ2
GND
R1
+
VV
R
R
IR
VV
InA AT
C
OUTPUT RANGE
V TO
V
OUT
ADJ
ADJ
ADJ
=+
⎛
⎝
⎜
⎞
⎠
⎟ +
()( )
=
=°
122
1
2
1
2
122
30
25
122
20
.
.
= .
than 1µA in shutdown. In addition to the low quiescent
current, the LT3028 regulator incorporates several pro-
tection features which make it ideal for use in battery-
powered systems. The device is protected against reverse
input voltages. Additionally, in dual supply applications
where the regulator load is returned to a negative supply,
the output can be pulled below ground by as much as 20V
and still allow the device to start and operate.
Adjustable Operation
The LT3028 has an output voltage range of 1.22V to 20V.
The output voltage is set by the ratio of two external resis-
tors as shown in Figure 1. The device servos the output to
maintain the corresponding ADJ pin voltage at 1.22V ref-
erenced to ground. The current in R1 is then equal to
1.22V/R1 and the current in R2 is the current in R1 plus the
ADJ pin bias current. The ADJ pin bias current, 30nA at
25°C, flows through R2 into the ADJ pin. The output volt-
age can be calculated using the formula in Figure 1. The
value of R1 should be no greater than 250k to minimize
errors in the output voltage caused by the ADJ pin bias
current. Note that in shutdown the output is turned off and
the divider current will be zero. Curves of ADJ Pin Voltage
vs Temperature and ADJ Pin Bias Current vs Temperature
appear in the Typical Performance Characteristics.
The device is tested and specified with the ADJ pin tied to
the corresponding OUT pin for an output voltage of 1.22V.
Specifications for output voltages greater than 1.22V will
be proportional to the ratio of the desired output voltage
to 1.22V: VOUT/1.22V. For example, load regulation on
Output 2 for an output current change of 1mA to 100mA
is –1mV typical at VOUT = 1.22V. At VOUT = 12V, load
regulation is:
(12V/1.22V)(–1mV) = – 9.8mV
Bypass Capacitance and Low Noise Performance
The LT3028 regulator may be used with the addition of a
bypass capacitor from VOUT to the corresponding BYP pin
to lower output voltage noise. A good quality low leakage
capacitor is recommended. This capacitor will bypass the
reference of the regulator, providing a low frequency noise
pole. The noise pole provided by this bypass capacitor will
lower the output voltage noise to as low as 20µVRMS with
the addition of a 0.01µF bypass capacitor. Using a bypass
capacitor has the added benefit of improving transient
response. With no bypass capacitor and a 10µF output
capacitor, a 10mA to 100mA load step on Output 2 will
settle to within 1% of its final value in less than 100µs. With
the addition of a 0.01µF bypass capacitor, the output will
stay within 1% for the same load step. Both outputs exhibit
this improvement in transient response (see Transient
Reponse in Typical Performance Characteristics section).
However, regulator start-up time is inversely proportional
to the size of the bypass capacitor, slowing to 15ms with
a 0.01µF bypass capacitor and 10µF output capacitor.
Output Capacitance and Transient Response
The LT3028 regulator is designed to be stable with a wide
range of output capacitors. The ESR of the output capaci-
tor affects stability, most notably with small capacitors.
A minimum output capacitor of 1µF with an ESR of 3Ω or
less is recommended for Output 2 to prevent oscillations.
A minimum output capacitor of 3.3µF with an ESR of 3Ω
or less is recommended for Output 1. The LT3028 is a
micropower device and output transient response will be
a function of output capacitance. Larger values of output
capacitance decrease the peak deviations and provide
improved transient response for larger load current
changes. Bypass capacitors, used to decouple individual
components powered by the LT3028, will increase the
effective output capacitor value. With larger capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com