Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology LT3028 Datasheet HTML 11Page - Linear Technology LT3028 Datasheet HTML 12Page - Linear Technology LT3028 Datasheet HTML 13Page - Linear Technology LT3028 Datasheet HTML 14Page - Linear Technology LT3028 Datasheet HTML 15Page - Linear Technology LT3028 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT3028
3028f
PART NUMBER
DESCRIPTION
COMMENTS
LT1129
700mA, Micropower, LDO
VIN: 4.2V to 30V, VOUT(MIN) = 3.75V, IQ = 50µA, ISD < 16µA,
DD, SOT-223, S8,TO220, TSSOP20 Packages
LT1175
500mA, Micropower Negative LDO
Guaranteed Voltage Tolerance and Line/Load Regulation
VIN: –20V to –4.3V, VOUT(MIN) = –3.8V, IQ = 45µA, ISD < 10µA,
DD,SOT-223, S8 Packages
LT1185
3A, Negative LDO
Accurate Programmable Current Limit, Remote Sense
VIN: –35V to –4.2V, VOUT(MIN) = –2.40V, IQ = 2.5mA, ISD < 1µA, TO220-5 Package
LT1761
100mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS, Stable with 1µF Ceramic Capacitors,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 20µA, ISD < 1µA, ThinSOT Package
LT1762
150mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 25µA, ISD < 1µA, MS8 Package
LT1763
500mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 30µA, ISD < 1µA, S8 Package
LT1764/LT1764A
3A, Low Noise, Fast Transient Response, LDO
Low Noise < 40µVRMS, "A" Version Stable with Ceramic Capacitors,
VIN: 2.7V to 20V, VOUT(MIN) = 1.21V, IQ = 1mA, ISD < 1µA, DD, TO220 Packages
LTC1844
150mA, Very Low Drop-Out LDO
Low Noise < 30µVRMS, Stable with 1µF Ceramic Capacitors,
VIN: 1.6V to 6.5V, VOUT(MIN) = 1.25V, IQ = 40µA, ISD < 1µA, ThinSOT Package
LT1962
300mA, Low Noise Micropower, LDO
Low Noise < 20µVRMS,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 30µA, ISD < 1µA, MS8 Package
LT1963/LT1963A
1.5A, Low Noise, Fast Transient Response, LDO
Low Noise < 40µVRMS, "A" Version Stable with Ceramic Capacitors,
VIN: 2.1V to 20V, VOUT(MIN) = 1.21V, IQ = 1mA, ISD < 1µA,
DD, TO220, SOT-223, S8 Packages
LT1964
200mA, Low Noise Micropower, Negative LDO
Low Noise < 30µVRMS, Stable with Ceramic Capacitors,
VIN: –0.9V to –20V, VOUT(MIN) = –1.21V, IQ = 30µA, ISD < 3µA, ThinSOT Package
LT3023
Dual 100mA, Low Noise, Micropower LDO
Low Noise < 20µVRMS, Stable with 1µF Ceramic Capacitors,
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 40µA, ISD < 1µA, MS10E, DFN Packages
LT3024
Dual 100mA/500mA, Low Noise,
Low Noise < 20µVRMS, Stable with 1µF Ceramic Capacitors,
Micropower LDO
VIN: 1.8V to 20V, VOUT(MIN) = 1.22V, IQ = 30µA, ISD < 1µA, DFN, TSSOP Packages
LT/TP 0904 1K • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 2004
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
RELATED PARTS
DHC Package
16-Lead Plastic DFN (5mm × 3mm)
(Reference LTC DWG # 05-08-1706)
PACKAGE DESCRIPTIO
3.00 ±0.10
(2 SIDES)
5.00 ±0.10
(2 SIDES)
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WJED-1) IN JEDEC
PACKAGE OUTLINE MO-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
0.40 ± 0.10
BOTTOM VIEW—EXPOSED PAD
1.65 ± 0.10
(2 SIDES)
0.75 ±0.05
R = 0.115
TYP
R = 0.20
TYP
4.40 ±0.10
(2 SIDES)
1
8
16
9
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DHC16) DFN 1103
0.25 ± 0.05
PIN 1
NOTCH
0.50 BSC
4.40 ±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
1.65 ±0.05
(2 SIDES)
2.20 ±0.05
0.50 BSC
0.65 ±0.05
3.50 ±0.05
PACKAGE
OUTLINE
0.25 ± 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com