Electronic Components Datasheet Search
  English  ▼

X  

LTC1174CS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 4Page - Linear Technology LTC1174CS8 Datasheet HTML 5Page - Linear Technology LTC1174CS8 Datasheet HTML 6Page - Linear Technology LTC1174CS8 Datasheet HTML 7Page - Linear Technology LTC1174CS8 Datasheet HTML 8Page - Linear Technology LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology LTC1174CS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1174
LTC1174-3.3/LTC1174-5
S
APPLICATI
I FOR ATIO
the diode conducts only a small fraction of the time. The
most stressful condition for the diode is when the output is
short-circuited. Under this condition the diode must safely
handle IPEAK at close to 100% duty cycle. A fast switching
diode must also be used to optimize efficiency. Schottky
diodes are a good choice for low forward drop and fast
switching times. Most LTC1174 circuits will be well served
by either a 1N5818, a MBRS140T3 or a MBR0520L Schot-
tky diode.
Short-Circuit Protection
The LTC1174 is protected from output short by its internal
current limit. Depending on the condition of IPGM pin, the
limit is either set to 340mA or 600mA. In addition, the off-
time of the switch is increased to allow the inductor’s
current to decay far enough to prevent any current build-up
(see Figure 2).
the maximum RMS current must be used. The CIN RMS
current is given by:
I
IV
V
V
V
A
RMS
OUT
OUT
IN
OUT
IN
RMS
≈
−
()
[] ()
12
/
This formula has a maximum at VIN = 2VOUT, where IRMS =
IOUT/2.Thissimpleworstcaseiscommonlyusedfordesign
because even significant deviations do not offer much relief.
Note that ripple current directly affects capacitor’s lifetime.
DO NOT UNDERSPECIFY THIS COMPONENT. An additional
0.1
µF ceramic capacitor is also required on VIN for high
frequency decoupling.
COUT
To avoid overheating, the output capacitor must be sized to
handle the ripple current generated by the inductor. The
worst case RMS ripple current in the output capacitor is
given by:
I
I
A
mA
RMS
PEAK
RMS
≈
()
=
2
170
or 300mA
Although the output voltage ripple is determined by the
hysteresis of the voltage comparator, ESR of the output
capacitor is also a concern. Too high of an ESR will create
a higher ripple output voltage and at the same time cause the
LTC1174 to sleep less often. This will affect the efficiency of
the LTC1174. For a given technology, ESR is a direct
function of the volume of the capacitor. Several small-sized
capacitors can also be paralleled to obtain the same ESR as
one large can. Manufacturers such as Nichicon, Chemicon
and Sprague should be considered for high performance
capacitors. The OS-CON semiconductor dielectric capaci-
tor available from Sanyo has the lowest ESR for its size, at
a higher price.
Catch Diode Selection
The catch diode carries load current during the off-time. The
average diode current is therefore dependent on the
P-channel switch duty cycle. At high input voltages the
diode conducts most of the time. As VIN approaches VOUT
Low-Battery Detector
The low-battery indicator senses the input voltage through
an external resistive divider. This divided voltage connects
to the “–” input of a voltage comparator (pin 3) which is
compared with a 1.25V reference voltage. With the current
going into pin 3 being negligible, the following expression
is used for setting the trip limit:
V
R
R
LBTRIP =+


125 1
4
3
.
IPGM = VIN
IPGM = 0
GND
L = 100
µH
VIN = 13.5V
20
µs/DIV
1174 F02
Figure 2. Inductor's Current with Output Shorted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com