Electronic Components Datasheet Search
  English  ▼

X  

LTC1174CS8 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 8Page - Linear Technology LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology LTC1174CS8 Datasheet HTML 15Page - Linear Technology LTC1174CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1174
LTC1174-3.3/LTC1174-5
9V to 5V, – 5V Outputs
S
APPLICATI
TYPICAL
9V to 12V, – 12V Outputs
1174 TA12
INPUT VOLTAGE
4V TO 12.5V
+
3
LTC1174
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VFB
SW
2
7
6
8
1
5
4
L1B
†
100
µH
–VOUT
–12V
55mA AT
VIN = 9V
3.3
µF**
1N914
Si9430DY
+
MBRS140T3
MBRS140T3
L1A
†
100
µH
1
2
4
3
VOUT
12V
55mA AT
VIN = 9V
0.1
µF
*
**
†
††
AVX TAJD226K035
WIMA MKS2
COILTRONICS CTX100-4
USE 1% METAL FILM RESISTORS
VIN(V)
4
5
6
7
8
9
10
11
12
IOUT MAX(mA)
20
25
35
45
50
55
62
67
73
3
×
22
µF*
35V
L1A
L1B
2
3
4
1
CTX100-4
301k
††
+
2
×
22
µF*
35V
2
× 22µF*
35V
34k
††
1174 TA11
INPUT VOLTAGE
4V TO 12.5V
+
+
+
3
LTC1174-5
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
L1B
†
100
µH
–VOUT
–5V
135mA AT
VIN = 9V
3.3
µF**
+
100
µF*
16V
MBRS140T3
L1A
†
100
µH
VOUT
5V
135mA AT
VIN = 9V
0.1
µF
0.1
µF
*
**
†
SANYO OS-CON
WIMA MKS2
COILTRONICS CTX100-4
VIN(V)
4
6
8
10
12
13
IOUT MAX(mA)
75
100
125
145
160
180
100
µF*
20V
+
100
µF*
16V
L1A
L1B
2
3
4
1
CTX100-4
MBRS140T3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com