Electronic Components Datasheet Search
  English  ▼

X  

LTC1174CS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 6Page - Linear Technology LTC1174CS8 Datasheet HTML 7Page - Linear Technology LTC1174CS8 Datasheet HTML 8Page - Linear Technology LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1174
LTC1174-3.3/LTC1174-5
S
APPLICATI
I FOR ATIO
Figure 6. LTC1174 Layout Diagram (See Board Layout Checklist)
DESIGN EXAMPLE
As a design example, assume VIN = 9V (nominal), VOUT =
5V, and IOUT = 350mA maximum. The LTC1174-5 is used
for this application, with IPGM (pin 7) connected to VIN. The
minmum value of L is determined by assuming the
LTC1174-5 is operating in continuous mode.
Figure 7. Continuous Inductor Current
TIME
IPEAK
IV
AVG CURRENT = IOUT
=
= 350mA
IPEAK + IV
2
1174 F07
With IOUT = 350mA and IPEAK = 0.6A (IPGM = VIN), IV =
0.1A.The peak-to-peak ripple inductor current, IRIPPLE, is
0.5A and is also equal to:
I
VV
L
A
RIPPLE
OUT
D
PP
=×
+

 ()
−
−
410
6
Solving for L in the above equation and with VD = 0.6V,
L = 44.8
µH. The next higher standard value of L is 50µH
(example: Coiltronics CTX50-4). The operating frequency,
neglecting voltage across diode VD is:
f
V
V
kHz
OUT
IN
≈×
−


=
2 5 10 1
111
5
.
With the value of L determined, the requirements for CIN
and COUT are calculated. For CIN, its RMS current rating
should be at least:
I
IV
V
V
V
A
mA
RMS
OUT
OUT
IN
OUT
IN
RMS
=
−
()
[] ()
=
12
174
/
For COUT, the RMS current rating should be at least:
I
I
A
mA
RMS
PEAK
RMS
≈
()
=
2
300
Now allow VIN to drop to 6V. At this minimum input voltage
the operating frequency will decrease. The new frequency
is 42kHz.
+
3
LTC1174
2
SW
R1
8
7
6
1
5
4
L
VOUT
D
1174 F06
OUTPUT DIVIDER
REQUIRED WITH
ADJUSTABLE
VERSION ONLY
0.1
µF
LBOUT
LBIN
GND
SHUTDOWN
IPGM
VIN
R2
BOLD LINES INDICATE
HIGH CURRENT PATH
VIN
CIN
COUT
VOUT
(VFB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com