Electronic Components Datasheet Search
  English  ▼

X  

LTC1174CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1174CS8
Description  High Efficiency Step-Down and Inverting DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1174CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1174CS8 Datasheet HTML 8Page - Linear Technology LTC1174CS8 Datasheet HTML 9Page - Linear Technology LTC1174CS8 Datasheet HTML 10Page - Linear Technology LTC1174CS8 Datasheet HTML 11Page - Linear Technology LTC1174CS8 Datasheet HTML 12Page - Linear Technology LTC1174CS8 Datasheet HTML 13Page - Linear Technology LTC1174CS8 Datasheet HTML 14Page - Linear Technology LTC1174CS8 Datasheet HTML 15Page - Linear Technology LTC1174CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
LTC1174
LTC1174-3.3/LTC1174-5
S
APPLICATI
TYPICAL
High Efficiency 3V Regulator
1174 TA05
+
3
LTC1174
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VFB
SW
2
7
6
8
1
5
4
50
µH†
VOUT
3V
450mA
3
×
22
µF*
25V
1N5818
0.1
µF
+
2
×
100
µF**
10V
INPUT VOLTAGE
4V TO 12.5V
*
**
†
AVX TPSD226K025
AVX TPSD105K010
COILTRONICS CTX50-4
42k
30k
100pF
*
**
***
D1
†
LOW-BATTERY INDICATOR
IS SET TO TRIP AT VIN = 4.4V
AVX TPSD106K035
AVX TPSD105K010
= MBRS130LT3 (SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
COILCRAFT
SUMIDA
GOWANDA
PART NO.
CTX50-3
DT3316-473
CD54-470
GA10-472K
TYPE
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
1174 TA06
INPUT VOLTAGE
4V TO 12.5V
+
3
LTC1174HV-5
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
L1
†
50
µH
VOUT
–5V
2
×
10
µF**
35V
D1
0.1
µF
+
100
µF***
10V
*LOW-
BATTERY
INDICATOR
4.7K
280k
43k
VIN(V)
4
6
8
10
12.5
IOUT MAX(mA)
110
140
170
200
235
Positive-to-Negative (– 5V) Converter
1174 TA07
INPUT VOLTAGE
4V TO 13.5V
+
3
LTC1174HV-3.3
LBIN
LBOUT
IPGM
GND
VIN
SHUTDOWN
VOUT
SW
2
7
6
8
1
5
4
L1
†
50
µH
VOUT
–3.3V
210mA
2
×
33
µF**
20V
D1
0.1
µF
+
2
×
100
µF***
10V
*LOW-
BATTERY
INDICATOR
4.7K
220k
43k
*
**
***
D1
†
LOW-BATTERY INDICATOR
IS SET TO TRIP AT VIN = 4.4V
AVX TPSD336K020
AVX TPSD105K010
= MBRS140T3 (SURFACE MOUNT)
1N5818
L1 SELECTION
MANUFACTURER
COILTRONICS
COILCRAFT
SUMIDA
GOWANDA
PART NO.
CTX50-3
DT3316-473
CD54-470
GA10-472K
TYPE
SURFACE MOUNT
SURFACE MOUNT
SURFACE MOUNT
THROUGH HOLE
IOUT MAX(mA)
175
205
230
255
VIN(V)
4
5
6
7
Positive-to-Negative (– 3.3V) Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com