Electronic Components Datasheet Search
  English  ▼

X  

LTC1297DI Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1297DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1297DI Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1297DI Datasheet HTML 10Page - Linear Technology LTC1297DI Datasheet HTML 11Page - Linear Technology LTC1297DI Datasheet HTML 12Page - Linear Technology LTC1297DI Datasheet HTML 13Page - Linear Technology LTC1297DI Datasheet HTML 14Page - Linear Technology LTC1297DI Datasheet HTML 15Page - Linear Technology LTC1297DI Datasheet HTML 16Page - Linear Technology LTC1297DI Datasheet HTML 17Page - Linear Technology LTC1297DI Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
LTC1292/LTC1297
S
APPLICATI
I FOR ATIO
Source Resistance
The analog inputs of the LTC1292/LTC1297 look like a
100pF capacitor (CIN) in series with a 500Ω resistor (RON)
(Figures 10a and 10b). CIN gets switched between (+) and
(–) inputs once during each conversion cycle. Large
external source resistors and capacitances will slow the
settling of the inputs. It is important that the overall RC
time constant is short enough to allow the analog inputs to
settle completely within the allowed time.
“+” Input Settling
The input capacitor for the LTC1292 is switched onto the
“+” input during the sample phase (tSMPL, see Figures 11a,
11b and 11c). The sample period can be as short as tWHCS
+ 1/2 CLK cycle or as long as tWHCS + 1 1/2 CLK cycles
before a conversion starts. This variability depends on
where CS falls relative to CLK. The voltage on the “+” input
must settle completely within the sample period. Minimizing
RSOURCE+ and C1 will improve the settling time. If large “+”
input source resistance must be used, the sample time can
be increased by using a slower CLK frequency. With the
minimum possible sample time of 3.0
µs, RSOURCE+ < 2.0k
and C1 < 20pF will provide adequate settling time.
The sample period for the LTC1297 starts on the falling
edge of CS and ends on the falling edge of the first CLK
Figure 11a. Setup Time (tsuCS) Is Met for the LTC1292
“+” and “–” Input Settling Windows
(Figure 12). The length of the sample period is tsuCS +0.5
CLK cycles. Again, the voltage on the “+” input must settle
completely within the sample period. If large “+” input
source resistance must be used, the sample time can be
increased by using a slower CLK frequency or by increasing
Figure 10a. Analog Input Equivalent Circuit for the LTC1292
Figure 10b. Analog Input Equivalent Circuit for the LTC1297
CS
↑ R
ON
500
Ω
tWHCS
+ 0.5 CLK
CIN
100pF
LTC1292
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1292/7 F10a
CS
↓ R
ON
500
Ω
tsuCS
+ 0.5 CLK
CIN
100pF
LTC1297
“+”
INPUT
RSOURCE +
VIN +
C1
“–”
INPUT
RSOURCE –
VIN –
C2
LTC1292/7 F10b
DOUT
CLK
B11
HI-Z
B9
B10
LTC1292/7 F11a
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tSUCS
tWHCS
tSMPL
(+) INPUT MUST SETTLE DURING THIS TIME
(+) INPUT
(–) INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com