Electronic Components Datasheet Search
  English  ▼

X  

LTC1297DI Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1297DI
Description  Single Chip 12-Bit Data Acquisition Systems
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1297DI Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1297DI Datasheet HTML 12Page - Linear Technology LTC1297DI Datasheet HTML 13Page - Linear Technology LTC1297DI Datasheet HTML 14Page - Linear Technology LTC1297DI Datasheet HTML 15Page - Linear Technology LTC1297DI Datasheet HTML 16Page - Linear Technology LTC1297DI Datasheet HTML 17Page - Linear Technology LTC1297DI Datasheet HTML 18Page - Linear Technology LTC1297DI Datasheet HTML 19Page - Linear Technology LTC1297DI Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
LTC1292/LTC1297
Figure 12. “+” and “–” Input Settling Windows for the LTC1297
“–” input voltage be free of noise and settle completely
during the first CLK cycle of the conversion. Minimizing
RSOURCE– and C2 will improve settling time. If large “–”
input source resistance must be used the time can be
extended by using a slower CLK frequency. At the maximum
CLK frequency of 1MHz, RSOURCE– < 250Ωand C2 < 20pF
will provide adequate settling.
Input Op Amps
When driving the analog inputs with an op amp it is
important that the op amp settles within the allowed time
(see Figures 11a, 11b, 11c and 12). Again the “+” and
“–” input sampling times can be extended as described
above to accommodate slower op amps. Most op amps
including the LT1006 and LT1013 single supply op amps
can be made to settle well even with the minimum settling
windows of 3.0
µs for the LTC1292 or 6.0µs for the
LTC1297 (“+” input) and 1
µs (“–” input) that occurs at the
maximum clock rate of 1MHz. Figures 13 and 14 show
examples of both adequate and poor op amp settling.
HORIZONTAL: 500ns/DIV
HORIZONTAL: 20
µs/DIV
Figure 13. Adequate Settling of Op Amp Driving Analog Input
Figure 14. Poor Op Amp Settling Can Cause A/D Errors
S
APPLICATI
I FOR ATIO
DOUT
CLK
B11
HI-Z
B10
LTC1292/7 F12
CS
1ST BIT TEST (–) INPUT MUST
SETTLE DURING THIS TIME
tWHCS
tSMPL
(+) INPUT MUST SETTLE
DURING THIS TIME
(+) INPUT
(–) INPUT
tsuCS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com