Electronic Components Datasheet Search
  English  ▼

X  

LTC1417 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC1417
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC1417 Datasheet HTML 18Page - Linear Technology LTC1417 Datasheet HTML 19Page - Linear Technology LTC1417 Datasheet HTML 20Page - Linear Technology LTC1417 Datasheet HTML 21Page - Linear Technology LTC1417 Datasheet HTML 22Page - Linear Technology LTC1417 Datasheet HTML 23Page - Linear Technology LTC1417 Datasheet HTML 24Page - Linear Technology LTC1417 Datasheet HTML 25Page - Linear Technology LTC1417 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
22
LTC1417
t2
t3
123456789 10 11 12 13 14 15 16
CONVST
EXTCLKIN
t10
tdEXTCLKIN
t5
HOLD
SAMPLE
t6
t4
t9
t8
BUSY
SCLK
RD
123456789 10 11 12 13 14 15 16
1
2
34
12 11 10 987654321
0
FILL
ZEROS
D13
Hi-Z
DATA N
Hi-Z
(SAMPLE N)
DOUT
tCONV
t7
1417 F20
D11
D12
CAPTURE ON
RISING CLOCK
D13
t12
t11
SCLK
VIL
VOH
VOL
DOUT
CAPTURE ON
FALLING CLOCK
tLSCLK
tHSCLK
LTC1417
BUSY
CONVST
CONVST
RD
EXTCLKIN
SCLK
DOUT
6
13
12
7
14
9
µP OR DSP
CLKOUT
INT
C0
SCK
MISO
APPLICATIONS INFORMATION
Figure 20. External Conversion Clock Selected. Data Transferred After Conversion
Using an External SCLK. BUSY
↑ Indicates End of Conversion
Using an External Conversion Clock and an External
Data Clock. In Figure 20, data is also output after each
conversion is completed and before the next conversion is
started. An external clock is used for the conversion clock
and either another or the same external clock is used for
the SCLK. This mode is identical to Figure 19 except that
an external clock is used for the conversion. This mode
allows the user to synchronize the A/D conversion to an
external clock either to have precise control of the internal
bit test timing or to provide a precise conversion time. As in
Figure 19, this mode works when the SCLK frequency is
very low (less than 30kHz). However, the external conver-
sion clock must be between 30kHz and 9MHz to maintain
accuracy. If more than 16 SCLKs are provided, more zeros
will be filled in after the data word indefinitely. To select the
external conversion clock, apply an external conversion
clock to EXTCLKIN. The external SCLK is applied to SCLK.
RD can be used to gate the external SCLK such that data will
be clocked out only after RD goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com