Electronic Components Datasheet Search
  English  ▼

X  

LTC1417 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1417
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1417 Datasheet HTML 24Page - Linear Technology LTC1417 Datasheet HTML 25Page - Linear Technology LTC1417 Datasheet HTML 26Page - Linear Technology LTC1417 Datasheet HTML 27Page - Linear Technology LTC1417 Datasheet HTML 28Page - Linear Technology LTC1417 Datasheet HTML 29Page - Linear Technology LTC1417 Datasheet HTML 30Page - Linear Technology LTC1417 Datasheet HTML 31Page - Linear Technology LTC1417 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LTC1417
TYPICAL APPLICATIONS
Listing B
*************************************************************************
*
*
* This example program selects a DG408 MUX channel using parallel
*
* port C, initiates a conversion, and retrieves data from the LTC1417.
*
* It stores the 14-bit, right justified data in two consecutive memory
*
* locations.
*
*
*
*************************************************************************
*
*****************************************
* 68HC11 register definitions
*
*****************************************
*
PIOC
EQU
$1002
Parallel I/O control register
*
“STAF,STAI,CWOM,HNDS, OIN, PLS, EGA,INVB”
PORTC
EQU
$1003
Port C data register
*
“Bit7,Bit6,Bit5,Bit4,Bit3,Bit2,Bit1,Bit0”
DDRC
EQU
$1007
Port D data direction register
*
“Bit7,Bit6,Bit5,Bit4,Bit3,Bit2,Bit1,Bit0”
*
1 = output, 0 = input
PORTD
EQU
$1008
Port D data register
*
“ -
, -
, SS* ,CSK ;MOSI,MISO,TxD ,RxD “
DDRD
EQU
$1009
Port D data direction register
SPCR
EQU
$1028
SPI control register
*
“SPIE,SPE ,DWOM,MSTR;SPOL,CPHA,SPR1,SPR0”
SPSR
EQU
$1029
SPI status register
*
“SPIF,WCOL, -
,MODF; -
, -
, -
, -
“
SPDR
EQU
$102A
SPI data register; Read-Buffer; Write-Shifter
*
* RAM variables to hold the LTC1417’s 14 conversion result
*
DIN1
EQU
$00
This memory location holds the LTC1417’s bits 13 - 08
DIN2
EQU
$01
This memory location holds the LTC1417’s bits 07 - 00
MUX
EQU
$02
This memory location holds the MUX address data
*
*****************************************
* Start GETDATA Routine
*
*****************************************
*
ORG
$C000
Program start location
INIT1
LDAA
#$03
0,0,0,0,0,0,1,1
*
“STAF=0,STAI=0,CWOM=0,HNDS=0, OIN=0, PLS=0, EGA=1,INVB=1”
STAA
PIOC
Ensures that the PIOC register’s status is the same
*
as after a reset, necessary of simple Port D manipulation
LDAA
#$47
0,1,0,0,0,1,1,1
*
“Bit7=input,Bit6=output,- ,- ,- ,Bit2=output,Bit1=output,
*
Bit0=output”
*
Bit7 used for BUSY input
*
Bit6 used for CONVST signal output
*
Bits 2 - 0 are used for the MUX address
STAA
DDRC
Direction of PortD’s bit are now set
LDAA
#$2F
-,-,1,0;1,1,1,1
*
-, -, SS*-Hi, SCK-Lo, MOSI-Hi, MISO-Hi, X, X
STAA
PORTD
Keeps SS* a logic high when DDRD, Bit5 is set
LDAA
#$38
-,-,1,1;1,0,0,0
STAA
DDRD
SS* , SCK, MOSI are configured as Outputs
*
MISO, TxD, RxD
are configured as Inputs
* DDRD’s Bit5 is a 1 so that port D’s SS* pin is a general output
LDAA
#$50
STAA
SPCR
The SPI is configured as Master, CPHA = 0, CPOL = 0
*
and the clock rate is E/2
*
(This assumes an E-Clock frequency of 4MHz. For higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com