Electronic Components Datasheet Search
  English  ▼

X  

LTC1417 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1417
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1417 Datasheet HTML 23Page - Linear Technology LTC1417 Datasheet HTML 24Page - Linear Technology LTC1417 Datasheet HTML 25Page - Linear Technology LTC1417 Datasheet HTML 26Page - Linear Technology LTC1417 Datasheet HTML 27Page - Linear Technology LTC1417 Datasheet HTML 28Page - Linear Technology LTC1417 Datasheet HTML 29Page - Linear Technology LTC1417 Datasheet HTML 30Page - Linear Technology LTC1417 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC1417
TYPICAL APPLICATIONS
Figure 23 uses the DG408 to select one of eight
±2.048V
bipolar signals and apply it to the LTC1417’s analog input.
The circuit is designed to connect to a 68HC11
µC. The
MUX’s parallel input is connected to the controller’s port
C and the LTC1417’s serial interface is accessed through
the controller’s SPI interface.
The sequence to generate a conversion is shown in sample
program Listing B. The first step selects a MUX channel.
This is followed by initiating a conversion and waiting for
BUSY to go high, signifying end of conversion. Once BUSY
goes low, the SPI is used to retrieve the 14-bit conversion
data. The timing relationships between the various control
signals and data transmission are shown in Figure 24.
Figure 23. With an Input Range of
±2.048V for Each of Eight Inputs,
This Data Acquisition System is Configured for Communication with the 68HC11
µC
1417 F23
1
µF
10
µF
5V
NC
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
LTC1417
5V
– 5V
5V
– 5V
PORT C, BIT 7
PORT C, BIT 6
PORT C, BIT 2
PORT C, BIT 1
PORT C, BIT 0
SS
MISO
CLK
AIN
+
AIN
–
VREF
REFCOMP
AGND
EXTCLKIN
SCLK
CLKOUT
VDD
VSS
BUSY
CONVST
RD
SHDN
DGND
DOUT
DG408
S1
S2
S3
S4
S5
S6
S7
S8
13
3
14
2
V +
V –
GND
EN
A2
A1
A0
D
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
1
2
3
4
5
6
7
8
0.1
µF
0.1
µF
MC68HC11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com