Electronic Components Datasheet Search
  English  ▼

X  

LTC1417 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1417
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417 Datasheet(HTML) 3 Page - Linear Technology

  LTC1417 Datasheet HTML 1Page - Linear Technology LTC1417 Datasheet HTML 2Page - Linear Technology LTC1417 Datasheet HTML 3Page - Linear Technology LTC1417 Datasheet HTML 4Page - Linear Technology LTC1417 Datasheet HTML 5Page - Linear Technology LTC1417 Datasheet HTML 6Page - Linear Technology LTC1417 Datasheet HTML 7Page - Linear Technology LTC1417 Datasheet HTML 8Page - Linear Technology LTC1417 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1417
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
Analog Input Capacitance
Between Conversions (Sample Mode)
14
pF
During Conversions (Hold Mode)
3
pF
tACQ
Sample-and-Hold Acquisition Time
q
150
500
ns
tAP
Sample-and-Hold Aperture Time
–1.5
ns
tjitter
Sample-and-Hold Aperture Time Jitter
5
psRMS
CMRR
Analog Input Common Mode Rejection Ratio
0V < (AIN+ = AIN–) < 4.096V (Unipolar)
65
dB
– 2.048V < (AIN+ = AIN–) < 2.048V (Bipolar)
65
dB
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
100kHz Input Signal
q
79
81
dB
THD
Total Harmonic Distortion
100kHz Input Signal, First Five Harmonics
q
–85
– 95
dB
SFDR
Spurious Free Dynamic Range
200kHz Input Signal
– 98
dB
IMD
Intermodulation Distortion
fIN1 = 97.3kHz, fIN2 = 104.6kHz
– 97
dB
Full Power Bandwidth
10
MHz
Full Linear Bandwidth
S/(N + D)
≥ 77dB
0.8
MHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
q
2.480
2.500
2.520
V
VREF Output Tempco
IOUT = 0, 0°C ≤ TA ≤ 70°C
±10
ppm/
°C
IOUT = 0, – 40°C ≤ TA ≤ 85°C
±20
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V
0.05
LSB/V
– 5.25V
≤ VSS ≤ –4.75V
0.05
LSB/V
VREF Output Resistance
0.1mA
≤ |IOUT| ≤ 0.1mA
8
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
q
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
q
±10
µA
CIN
Digital Input Capacitance
1.4
pF
VOH
High Level Output Voltage
VDD = 4.75V, IO = – 10µA
4.74
V
VDD = 4.75V, IO = – 200µA
q
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V, IO = 160µA
0.05
V
VDD = 4.75V, IO = – 1.6mA
q
0.10
0.4
V
IOZ
High-Z Output Leakage DOUT, CLKOUT
VOUT = 0V to VDD, RD High
q
±10
µA
COZ
High-Z Output Capacitance DOUT, CLKOUT
RD High (Note 9)
q
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
A ALOG I PUT
The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
DY A IC ACCURACY
I TER AL REFERE CE CHARACTERISTICS
DIGITAL I PUTS A D DIGITAL OUTPUTS The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com