Electronic Components Datasheet Search
  English  ▼

X  

LTC1417 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1417
Description  Low Power 14-Bit, 400ksps Sampling ADC Converter with Serial I/O
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1417 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1417 Datasheet HTML 24Page - Linear Technology LTC1417 Datasheet HTML 25Page - Linear Technology LTC1417 Datasheet HTML 26Page - Linear Technology LTC1417 Datasheet HTML 27Page - Linear Technology LTC1417 Datasheet HTML 28Page - Linear Technology LTC1417 Datasheet HTML 29Page - Linear Technology LTC1417 Datasheet HTML 30Page - Linear Technology LTC1417 Datasheet HTML 31Page - Linear Technology LTC1417 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1417
©LINEAR TECHNOLOGY CORPORATION 1999
1417fs sn1417 LT/TP 0100 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC1274/LTC1277
Low Power, 12-Bit, 100ksps ADCs with Parallel Output
10mW Power Dissipation, Parallel/Byte Interface
LTC1401
Serial 3V, 12-Bit, 200ksps ADC in SO-8
15mW, Internal Reference and Low Power Shutdown Mode
LTC1404
Serial 12-Bit, 600ksps ADC is SO-8
5V or
±5V, Internal Reference and Shutdown
LTC1412
12-Bit, 3Msps Sampling ADC with Parallel Output
Best Dynamic Performance, SINAD = 72dB at Nyquist
LTC1415
Single 5V, 12-Bit, 1.25Msps ADC with Parallel Output
55mW Power Dissipation, 72dB SINAD
LTC1416
Low Power, 14-Bit, 400ksps ADC with Parallel Output
70mW Power Dissipation, 80.5dB SINAD
LTC1418
Low Power, 14-Bit, 200ksps ADC with Parallel and Serial I/O
True 14-Bit Linearity, 81.5dB, SINAD, 15mW Dissipation
LTC1419
Low Power, 14-Bit, 800ksps ADC with Parallel Output
True 14-Bit Linearity, 81.5dB SINAD, 150mW Dissipaton
LTC1604
16-Bit, 333ksps Sampling ADC with Parallel Output
±2.5V Input, 90dB SINAD, 100dB THD
LTC1605
Single 5V, 16-Bit, 100ksps ADC with Parallel Output
Low Power,
±10V Inputs, Parallel/Byte Interface
DACs
LTC1595
Serial 16-Bit CMOS Mulitplying DAC in SO-8
±1LSB Max INL/DNL, 1nV • sec Glitch, DAC8043 Upgrade
LTC1596
Serial 16-Bit CMOS Mulitplying DAC
±1LSB Max INL/DNL, DAC8143/AD7543 Upgrade
LTC1650
Serial 16-Bit
±5V Voltage Output DAC
Low Noise and Low Glitch Rail-to-Rail VOUT
LTC1655
Serial 16-Bit Voltage Output DAC
Low Power, SO-8 with Internal Reference
LTC1658
Serial 14-Bit Voltage Output DAC
Low Power, 8-Lead MSOP Rail-to-Rail VOUT
Reference
LT1019-2.5
Precision Bandgap Reference
0.05% Max, 5ppm/
°C Max
LT1460-2.5
Micropower 3-Termainal Bandgap Reference
0.075% Max, 10ppm/
°C Max
LT1461-2.5
Ultraprecise Micropower Low Dropout Reference
0.04%, 3ppm/
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com