Electronic Components Datasheet Search
  English  ▼

X  

TS1916 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1916
Description  1.7A Boost WLED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1916 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS1916
1.7A Boost WLED Driver
2/10
Version: A14
Electrical Specifications (TA=25
oC, V
IN=5V, IOUT=20mA unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
VCC
2.5
--
5.5
V
Step-Up Voltage Range
VOUT
3
--
40
V
OVP Sense Voltage
VOVP
--
38
--
V
Under Voltage Lockout
UVLO
Rising
--
2.2
2.4
V
UVLO Hysteresis
--
100
--
mV
Feedback Voltage
VFB
190
200
210
mV
EN Threshold
Logic-High Voltage
VIH
2.0
--
--
V
Logic-Low Voltage
VIL
--
--
0.4
V
EN Hysteresis
--
200
--
mV
Operating Quiescent Current
ICCQ
IOUT= 0mA, VFB =0.5V
--
300
500
μA
Shutdown Current
ISD
VEN=0V, tEN > 20ms
--
1
10
μA
N-Channel MOSFET Current Limit
(Note)
ILIM
Duty=50%
--
1.7
--
A
MOSFET On-Resistance
(Note)
RDS(on)
--
0.6
1.0
Ω
Maximum Duty Cycle
DMAX
--
88
--
%
Line Regulation
VCC = 3V to 5V
--
1
--
%
Switching Frequency
fOSC
0.75
1
1.25
MHz
Dimming Clock Rate
fDIM
0.2
--
200
kHz
FB Input Leakage Current
IFB-LKG
VFB = 0.5V
--
0.01
100
nA
SW Leakage Current
ISWL
VLX = 30V, VFB =0.5V
--
--
1
µA
EN Input Leakage Current
IEN-LKG1
VEN= VCC
--
1.5
3
μA
IEN-LKG2
VEN= GND
--
--
1
μA
Shutdown Delay
tSHDN
--
10
--
ms
Thermal Shutdown
TSD
--
160
--
°C
Thermal Shutdown Hysteresis
TSH
--
30
--
Note: Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com