Electronic Components Datasheet Search
  English  ▼

X  

TS1916 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS1916
Description  1.7A Boost WLED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1916 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TS1916
1.7A Boost WLED Driver
5/10
Version: A14
Application Information
Setting the ILED Current
Application circuit item shows the basic application circuit with TS1916 adjustable output version. The external
resistor sets the LED output current according to the following equation:
ILED = ( VFB / R3 )
Part No.
ILED
R3
TS1916
20mA
10Ω
4mW
350mA
0.571Ω
70mW
Over Voltage Protection
The Over Voltage Protection is detected by a junction breakdown detecting circuit. Once VOUT goes over the
detecting voltage, SW pin stops switching and the power N-MOSFET will be turned off. Then, the VOUT will be
clamped to be near VOVP.
Under Voltage Lockout (UVLO)
To avoid mis-operation of the device at low input voltages an under voltage lockout is included that disables the
device, if the input voltage falls below (2.25V-100mV).
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high
frequency switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must
be used. Ceramic capacitors with X5R or X7R dielectrics are highly recommended because of their low ESR and
small temperature coefficients. A 4.7µF ceramic capacitor for most applications is sufficient. For a lower output
power requirement application, this value can be decreased.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop stability. The
output capacitor must have low impedance at the switching frequency. Ceramic capacitors with X5R or X7R
dielectrics are recommended due to their low ESR and high ripple current. A 1µF ceramic capacitors works for most
of the applications. Higher capacitor values can be used to improve the load transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com