Electronic Components Datasheet Search
  English  ▼

X  

TS1916 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS1916
Description  1.7A Boost WLED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1916 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TS1916
1.7A Boost WLED Driver
3/10
Version: A14
Block Diagram
VCC
SW
Control and
Driver Logic
EN
Reference
1.238V
Soft Start
Current
Sense
Slope
Compensation
Oscillator
1MHz
FB
Error Amplifier
Summing
Comparator
Thermal
Shutdown
Enable
Logic
GND
N-MOS
10ms
300mV
Shutdown
OVP
OV
UVLO
Pin Description
Pin Number
Pin Name
Description
1
SW
Switch Output Pin
2
GND
Ground Pin
3
FB
Feedback Pin; Put a Resistor to GND to Setting the Current
4
EN
Enable with Dimming Pin; Internal Pull-Low; Logic High Active
5
OVP
OVP Sense Pin
6
VCC
Power Input Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com