Electronic Components Datasheet Search
  English  ▼

X  

TS1916 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1916
Description  1.7A Boost WLED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1916 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS1916
1.7A Boost WLED Driver
1/10
Version: A14
SOT-26
General Description
The TS1916 is a step-up (Boost) converter designed for driving up to 10 series white LEDs for backlighting
application. The TS1916 uses current mode, 1MHz fixed frequency architecture to regulate the LED current,
which is set through an external current sense resistor. It
’s low feedback voltage reduces power loss and
improves efficiency. The OVP pin monitors the output voltage and turns off the converter if an over-voltage
condition is present due to an open circuit condition. The TS1916 includes under-voltage lockout, current limiting
and thermal shutdown protection preventing damage in the event of an output overload.
Features
●
2.5V to 5.5V operating input voltage range
●
Drives up to 10 series white LEDs
●
1MHz fixed switching frequency
●
Wide range for PWM dimming (200Hz to 200kHz)
●
Internal 1.7A switching current limit
●
Over voltage protection (OVP)
●
Internal soft-start function
●
Current limit and thermal shutdown protection
●
Under voltage lockout
Application
●
Digital Still Cameras
●
Portable Electronics
●
PDAs and Palm-Top Computers
●
Local Boost Regulator
Ordering Information
Part No.
Package
Packing
TS1916CX6 RFG
SOT-26
3kpcs / 7
” Reel
Note: “G” denotes for Halogen- and Antimony-free as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm
total Br + Cl) and <1000ppm antimony compounds
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
VCC Pin Voltage
VCC
-0.3 to 6
V
SW Pin Voltage
VSW
-0.3 to 45
V
OVP Pin Voltage
VOVP
-0.3 to 45
V
EN, FB Pin Voltage
-0.3 to 6
V
Power Dissipation
PD
( TJ-TA ) / RθJA
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Operating Junction Temperature Range
TOP
-40 to +125
°C
Thermal Resistance from junction to case
RθJC
15
°C/W
Thermal Resistance from junction to ambient
RθJA
40
°C/W
Note: RθJA is measured with the PCB copper area of approximately 1 in
2 (Multi-layer).
Pin Definition:
1. Switch
2. Ground
3. Feedback
4. Enable
5. OVP
6. VCC


Similar Part No. - TS1916

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1910 TSC-TS1910 Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
TS1910A TSC-TS1910A Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
TS1910ACSRLG TSC-TS1910ACSRLG Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
TS1910CSRLG TSC-TS1910CSRLG Datasheet
188Kb / 8P
680kHz/1.2MHz High Voltage Boost Converter
More results

Similar Description - TS1916

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5967 GMT-G5967 Datasheet
90Kb / 1P
Boost WLED Driver for Backlights
G5966L GMT-G5966L Datasheet
77Kb / 1P
Boost WLED Driver for Backlights
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
High Current-Boost WLED Driver
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com