Electronic Components Datasheet Search
  English  ▼

X  

TS1916 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS1916
Description  1.7A Boost WLED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1916 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS1916 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS1916 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS1916
1.7A Boost WLED Driver
6/10
Version: A14
Electrical Characteristics Curve
Figure 1. Power On from VIN
Figure 2. Power On from EN
Figure 3. Steady State Operation
Figure 4. Normal Operation Into OVP
Figure 5. PWM Dimming From EN (200Hz)
VIN=5V, 4WLEDs, IOUT=150mA
Figure 6. PWM Dimming From EN (20Hz)
VIN=5V, 4WLEDs, IOUT=150mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com