Electronic Components Datasheet Search
  English  ▼

X  

UPD75P308 Datasheet(PDF) 15 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 15 Page - NEC

Back Button UPD75P308 Datasheet HTML 11Page - NEC UPD75P308 Datasheet HTML 12Page - NEC UPD75P308 Datasheet HTML 13Page - NEC UPD75P308 Datasheet HTML 14Page - NEC UPD75P308 Datasheet HTML 15Page - NEC UPD75P308 Datasheet HTML 16Page - NEC UPD75P308 Datasheet HTML 17Page - NEC UPD75P308 Datasheet HTML 18Page - NEC UPD75P308 Datasheet HTML 19Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
µPD75P308
15
4.
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
Parameter
Symbol
Conditions
Rating
Unit
Supply Voltage
VDD
-0.3 to +7.0
V
Supply Voltage
VPP
-0.3 to +13.5
V
VI1
Other than ports 4 or 5
-0.3 to VDD+0.3
V
VI2
*1
Ports 4 and 5
Open-drain
-0.3 to +11
V
Output Voltage
VO
-0.3 to VDD+0.3
V
1 Pin
-15
mA
IOH
All pins
-30
mA
Peak value
30
mA
Effective value
15
mA
Peak value
100
mA
Effective value
60
mA
Peak value
100
mA
Effective value
60
mA
Operating Temperature
Topt
-10 to +70
°C
Storage Temperature
Tstg
-65 to +150
°C
*1:
The impedance of the power source (pull-up resistor) must be 50 K
Ω minimum when a voltage higher
than 10V is applied to ports 4 and 5.
2:
Effective value = Peak value x
√Duty
One pin
Total of ports 0, 2, 3, 5
Total of ports 4, 6, 7
IOH
*2
High-Level Output Current
Low-Level Output Current
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com