Electronic Components Datasheet Search
  English  ▼

X  

UPD75P308 Datasheet(PDF) 22 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 22 Page - NEC

Back Button UPD75P308 Datasheet HTML 18Page - NEC UPD75P308 Datasheet HTML 19Page - NEC UPD75P308 Datasheet HTML 20Page - NEC UPD75P308 Datasheet HTML 21Page - NEC UPD75P308 Datasheet HTML 22Page - NEC UPD75P308 Datasheet HTML 23Page - NEC UPD75P308 Datasheet HTML 24Page - NEC UPD75P308 Datasheet HTML 25Page - NEC UPD75P308 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
µPD75P308
22
AC TIMING TEST POINT (excluding X1 and XT1 inputs)
Test points
0.8 VDD
0.2 VDD
0.8 VDD
0.2 VDD
CLOCK TIMING
X1 input
VDD –0.5V
0.4 V
tXL
tXH
1/fX
XT1 input
VDD –0.5V
0.4 V
tXTL
tXTH
1/fXT
TI0
tTIL
tTIH
1/fTI
TI0 TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com