Electronic Components Datasheet Search
  English  ▼

X  

UPD75P308 Datasheet(PDF) 16 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 16 Page - NEC

Back Button UPD75P308 Datasheet HTML 12Page - NEC UPD75P308 Datasheet HTML 13Page - NEC UPD75P308 Datasheet HTML 14Page - NEC UPD75P308 Datasheet HTML 15Page - NEC UPD75P308 Datasheet HTML 16Page - NEC UPD75P308 Datasheet HTML 17Page - NEC UPD75P308 Datasheet HTML 18Page - NEC UPD75P308 Datasheet HTML 19Page - NEC UPD75P308 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
µPD75P308
16
Ceramic*3
Oscillation
frequency (fXX)*1
Oscillation stabilization
After VDD came to MIN.
time*2
of oscillation voltage range
Crystal
Oscilaltion
frequency (fXX)*1
Oscillation stabilization
time*2
External Clock
X1 input frequency
(fX)*1
X1 input high-, low-level
widths (tXH, tXL)
MAIN SYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS
(Ta = -10 to +70
°C, VDD = 5 to ±5 V)
Oscillator
Item
Conditions
MIN.
TYP.
MAX.
Unit
X1
X2
C1
C2
VDD
X1
X2
C1
C2
VDD
X1
X2
PD74HCU04
µ
1.0
5.0*4
MHz
4ms
1.0
4.19
5.0*4
MHz
10
ms
1.0
5.0*4
MHz
100
500
ns
Recommended
Constants
* 1: The oscillation frequency and X1 input frequency are indicated only to express the characteristics of the
oscillator circuit.
For instruction execution time, refer to AC Characteristics.
2: Time required for oscillation to stabilize after VDD reaches the minimum value of the oscillation voltage
range or the STOP mode has been released.
3: The oscillators below are recommended.
4: When the oscillation frequency is 4.19 MHz
< fx ≤ 5.0 MHz, do not select PCC = 0011 as the instruction
execution time: otherwise, one machine cycle is set to less than 0.95
µs, falling short of the rated
minimum value of 0.95
µs.
Caution: When using the oscillation circuit of the main system clock, wire the portion enclosed in dotted
line in the figures as follows to avoid adverse influences on the wiring capacity:
•
Keep the wiring length as short as possible.
•
Do not cross the wiring over the other signal lines. Do not route the wiring in the vicinity of
lines through which a high alternating current flows.
•
Always keep the ground point of the capacitor of the oscillator circuit at the same potential
as VDD. Do not connect the power source pattern through which a high current flows.
•
Do not extract signals from the oscillation circuit.
5
5
CSA 2.00MG
30
30
4.75
5.25
CSA 4.19MG
30
30
4.75
5.25
CSA 4.19MGU
30
30
4.75
5.25
CST 4.19MG
30 pF (internal)
30 pF (internal)
4.75
5.25
C1
Murata
Mfg.
Co., Ltd.
Manufac-
turer
MAX.
MIN.
Oscillation
Voltage Range [V]
C2
External Capacitance [pF]
Product Name
RECOMMENDED OSCILLATION CIRCUIT CONSTANTS
MAIN SYSTEM CLOCK: CERAMIC OSCILLATOR (Ta = -10 to +70
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com