Electronic Components Datasheet Search
  English  ▼

X  

UPD75P308 Datasheet(PDF) 20 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 20 Page - NEC

Back Button UPD75P308 Datasheet HTML 16Page - NEC UPD75P308 Datasheet HTML 17Page - NEC UPD75P308 Datasheet HTML 18Page - NEC UPD75P308 Datasheet HTML 19Page - NEC UPD75P308 Datasheet HTML 20Page - NEC UPD75P308 Datasheet HTML 21Page - NEC UPD75P308 Datasheet HTML 22Page - NEC UPD75P308 Datasheet HTML 23Page - NEC UPD75P308 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
µPD75P308
20
SERIAL TRANSFER OPERATION
TWO-LINE AND THREE-LINE SERIAL I/O MODES (SCK: internal clock output)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
1600
ns
tKCY1/2-50
ns
150
ns
400
ns
250
ns
Output
Output
RL = 1k
Ω, CL = 100pF*
tKCY1
tKH1, tKL1
tSIK1
tKSI1
tKSO1
SCK Cycle Time
SCK High-, Low-Level Widths
SI Set-Up Time (vs. SCK
)
SI Hold Time (vs. SCK
)
SCK
SO Output
Delay Time
↑
↑
↓ →
*: RL and CL are load resistance and load capacitance of the SO output line.
TWO-LINE AND THREE-LINE SERIAL I/O MODES (SCK: external clock input)
*: RL and CL are load resistance and load capacitance of the SO output line.
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
800
ns
400
ns
100
ns
400
ns
300
ns
Input
Input
RL = 1k
Ω, CL = 100pF*
tKCY2
tKH2, tKL2
tSIK2
tKSI2
tKSO2
↑
↓ →
5
5
↑
SCK Cycle Time
SCK High-, Low-Level Widths
SI Set-Up Time (vs. SCK
)
SI Hold Time (vs. SCK
)
SCK
SO Output
Delay Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com