Electronic Components Datasheet Search
  English  ▼

X  

UPD75P308 Datasheet(PDF) 17 Page - NEC

Part # UPD75P308
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75P308 Datasheet(HTML) 17 Page - NEC

Back Button UPD75P308 Datasheet HTML 13Page - NEC UPD75P308 Datasheet HTML 14Page - NEC UPD75P308 Datasheet HTML 15Page - NEC UPD75P308 Datasheet HTML 16Page - NEC UPD75P308 Datasheet HTML 17Page - NEC UPD75P308 Datasheet HTML 18Page - NEC UPD75P308 Datasheet HTML 19Page - NEC UPD75P308 Datasheet HTML 20Page - NEC UPD75P308 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
µPD75P308
17
32
32.768
35
kHz
1.0
2
s
32
100
kHz
515
µs
Crystal
Oscillation
frequency (fXT)
Oscillation stabilization
time*
External Clock
XT1 input frequency
(fXT)
XT1 input high-, low-level
widths (tXTH, tXTL)
SUBSYSTEM CLOCK OSCILLATOR CIRCUIT CHARACTERISTICS
(Ta = -10 to +70
°C, VDD = 5 V ±5%)
Oscillator
Item
Conditions
MIN.
TYP.
MAX.
Unit
Recommended
Constants
XT1
XT2
R
C3
C4
VDD
XT1
XT2
Open
*: Time required for oscillation to stabilize after VDD reaches the minimum value of the oscillation voltage
range.
Caution: When using the oscillation circuit of the subsystem clock, wire the portion enclosed in dotted line
in the figures as follows to avoid adverse influences on the wiring capacity:
• Keep the wiring length as short as possible.
• Do not cross the wiring over the other signal lines. Do not route the wiring in the vicinity of
lines through which a high alternating current flows.
• Always keep the ground point of the capacitor of the oscillator circuit at the same potential
as VDD. Do not connect the power source pattern through which a high current flows.
• Do not extract signals from the oscillation circuit.
The amplification factor of the subsystem clock oscillation circuit is designed to be low to reduce the
current dissipation and therefore, the subsystem clock oscillation circuit is influenced by noise more
easily than the main system clock oscillation circuit. When using the subsystem clock, therefore,
exercise utmost care in wiring the circuit.
CAPACITANCE (Ta = 25
°C, VDD = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Capacitance
CIN
f = 1 MHz
15
pF
Output Capacitance
COUT
Pins other than thosemeasured are at 0 V
15
pF
Input/Output
CIO
15
pF
Capacitance
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com