Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1628 Datasheet HTML 23Page - Linear Technology LTC1628 Datasheet HTML 24Page - Linear Technology LTC1628 Datasheet HTML 25Page - Linear Technology LTC1628 Datasheet HTML 26Page - Linear Technology LTC1628 Datasheet HTML 27Page - Linear Technology LTC1628 Datasheet HTML 28Page - Linear Technology LTC1628 Datasheet HTML 29Page - Linear Technology LTC1628 Datasheet HTML 30Page - Linear Technology LTC1628 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC1628/LTC1628-PG
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC1628. These items are also illustrated graphically in
the layout diagram of Figure 10. The Figure 11 illustrates
the current waveforms present in the various branches of
the 2-phase synchronous regulators operating in the
continuous mode. Check the following in your layout:
1. Are the top N-channel MOSFETs M1 and M3 located
within 1cm of each other with a common drain connection
at CIN? Do not attempt to split the input decoupling for the
two channels as it can cause a large resonant loop.
2. Are the signal and power grounds kept separate? The
combined LTC1628 signal ground pin and the ground
return of CINTVCC must return to the combined COUT (–)
terminals. The path formed by the top N-channel MOSFET,
Schottky diode and the CIN capacitor should have short
leads and PC trace lengths. The output capacitor (–)
terminals should be connected as close as possible to the
(–) terminals of the input capacitor by placing the capaci-
tors next to each other and away from the Schottky loop
described above.
3. Do the LTC1628 VOSENSE pins resistive dividers con-
nect to the (+) terminals of COUT? The resistive divider
must be connected between the (+) terminal of COUT and
Figure 10. LTC1628 Recommended Printed Circuit Layout Diagram
CB2
CB1
FLTCPL
RPU
PGOOD
VPULL-UP
(<7V)
CINTVCC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CIN
D1
M1
M2
M3
M4
D2
CVIN
VIN
RIN
INTVCC
3.3V
R4
R3
*PGOOD ON THE LTC1628-PG
R2
R1
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
LTC1628
L1
L2
COUT1
VOUT1
GND
VOUT2
1628 F10
COUT2
RSENSE
RSENSE
FLTCPL
(PGOOD)*
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com