Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 28 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC1628 Datasheet HTML 24Page - Linear Technology LTC1628 Datasheet HTML 25Page - Linear Technology LTC1628 Datasheet HTML 26Page - Linear Technology LTC1628 Datasheet HTML 27Page - Linear Technology LTC1628 Datasheet HTML 28Page - Linear Technology LTC1628 Datasheet HTML 29Page - Linear Technology LTC1628 Datasheet HTML 30Page - Linear Technology LTC1628 Datasheet HTML 31Page - Linear Technology LTC1628 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
28
LTC1628/LTC1628-PG
Figure 11. Branch Current Waveforms
APPLICATIO S I FOR ATIO
signal ground and a small VOSENSE decoupling capacitor
should be as close as possible to the LTC1628 SGND pin.
The R2 and R4 connections should not be along the high
current input feeds from the input capacitor(s).
4. Are the SENSE – and SENSE + leads routed together
with minimum PC trace spacing? The filter capacitor
between SENSE + and SENSE – should be as close as
possible to the IC. Ensure accurate current sensing with
Kelvin connections at the SENSE resistor.
5. Is the INTVCC decoupling capacitor connected close to
the IC, between the INTVCC and the power ground pins?
This capacitor carries the MOSFET drivers current peaks.
An additional 1
µF ceramic capacitor placed immediately
next to the INTVCC and PGND pins can help improve noise
performance substantially.
6. Keep the switching nodes (SW1, SW2), top gate nodes
(TG1, TG2), and boost nodes (BOOST1, BOOST2) away
from sensitive small-signal nodes, especially from the
opposites channel’s voltage and current sensing feedback
pins. All of these nodes have very large and fast moving
signals and therefore should be kept on the “output side”
of the LTC1628 and occupy minimum PC trace area.
RL1
D1
L1
SW1
RSENSE1
VOUT1
COUT1
+
VIN
CIN
RIN
+
RL2
D2
BOLD LINES INDICATE
HIGH, SWITCHING
CURRENT LINES.
KEEP LINES TO A
MINIMUM LENGTH.
L2
SW2
1628 F11
RSENSE2
VOUT2
COUT2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com