Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 3 Page - Linear Technology

  LTC1628 Datasheet HTML 1Page - Linear Technology LTC1628 Datasheet HTML 2Page - Linear Technology LTC1628 Datasheet HTML 3Page - Linear Technology LTC1628 Datasheet HTML 4Page - Linear Technology LTC1628 Datasheet HTML 5Page - Linear Technology LTC1628 Datasheet HTML 6Page - Linear Technology LTC1628 Datasheet HTML 7Page - Linear Technology LTC1628 Datasheet HTML 8Page - Linear Technology LTC1628 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1628/LTC1628-PG
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS1, 2 = 5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSTBYMD KA
Keep-Alive Power On-Threshold
VSTBYMD Ramping Up, RUNSS1, 2 = 0V
1.5
2
V
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
IFLTCPL
VFLTCPL Input Current
0.5V > VFLTCPL
–3
µA
LTC1628 Only
INTVCC – 0.5V < VFLTCPL < INTVCC
3
µA
VFLTCPL
Fault Coupling Threshold;
For FCB Signal and Individual Overcurrent
2
V
LTC1628 Only
Faults to Affect Both Controllers
IRUN/SS1, 2
Soft-Start Charge Current
VRUN/SS1, 2 = 1.9V
0.5
1.2
µA
VRUN/SS1, 2 ON RUN/SS Pin ON Threshold
VRUN/SS1, VRUN/SS2 Rising
1.0
1.5
1.9
V
VRUN/SS1, 2 LT RUN/SS Pin Latchoff Arming Threshold VRUN/SS1, VRUN/SS2 Rising from 3V
4.1
4.5
V
ISCL1, 2
RUN/SS Discharge Current
Soft Short Condition VOSENSE1, 2 = 0.5V;
0.5
2
4
µA
VRUN/SS1, 2 = 4.5V
ISDLHO
Shutdown Latch Disable Current
VOSENSE1, 2 = 0.5V
1.6
5
µA
VSENSE(MAX)
Maximum Current Sense Threshold
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V
q
62
75
88
mV
VOSENSE1, 2 = 0.7V,VSENSE1–, 2– = 5V, LTC1628 Only
65
75
85
mV
TG Transition Time:
(Note 5)
TG1, 2 tr
Rise Time
CLOAD = 3300pF
50
90
ns
TG1, 2 tf
Fall Time
CLOAD = 3300pF
50
90
ns
BG Transition Time:
(Note 5)
BG1, 2 tr
Rise Time
CLOAD = 3300pF
40
90
ns
BG1, 2 tf
Fall Time
CLOAD = 3300pF
40
80
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
90
ns
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
180
ns
INTVCC Linear Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
4.8
5.0
5.2
V
VLDO INT
INTVCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
1.0
%
VLDO EXT
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V, LTC1628
120
240
mV
VLDO EXT-PG
EXTVCC Voltage Drop
ICC = 20mA, VEXTVCC = 5V, LTC1628-PG
80
160
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VLDOHYS
EXTVCC Hysteresis
0.2
V
Oscillator
fOSC
Oscillator frequency
VFREQSET = Open (Note 7)
190
220
250
kHz
fLOW
Lowest Frequency
VFREQSET = 0V
120
140
160
kHz
fHIGH
Highest Frequency
VFREQSET = 2.4V
280
310
360
kHz
IFREQSET
FREQSET Input Current
VFREQSET = 0V
– 2
– 1
µA
3.3V Linear Regulator
V3.3OUT
3.3V Regulator Output Voltage
No Load
q
3.25
3.35
3.45
V
V3.3IL
3.3V Regulator Load Regulation
I3.3 = 0 to 10mA
0.5
2
%
V3.3VL
3.3V Regulator Line Regulation
6V < VIN < 30V
0.05
0.2
%
PGOOD Output (LTC1628-PG Only)
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level, Either Controller
VOSENSE Respect to Set Output Voltage
VOSENSE Ramping Negative
– 6
–7.5
– 9.5
%
VOSENSE Ramping Positive
6
7.5
9.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com