Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1628 Datasheet HTML 24Page - Linear Technology LTC1628 Datasheet HTML 25Page - Linear Technology LTC1628 Datasheet HTML 26Page - Linear Technology LTC1628 Datasheet HTML 27Page - Linear Technology LTC1628 Datasheet HTML 28Page - Linear Technology LTC1628 Datasheet HTML 29Page - Linear Technology LTC1628 Datasheet HTML 30Page - Linear Technology LTC1628 Datasheet HTML 31Page - Linear Technology LTC1628 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1628/LTC1628-PG
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1998
1628fa LT/TP 0300 2K REV A • PRINTED IN USA
Figure 13. LTC1628 5V/4A, 3.3V/4A Regulator
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1159
High Efficiency Synchronous Step-Down Switching Regulator
100% DC, Logic Level MOSFETs, VIN < 40V
LTC1438/LTC1439
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulators POR, Auxiliary Regulator
LTC1438-ADJ
Dual Synchronous Controller with Auxiliary Regulator
POR, External Feedback Divider
LTC1538-AUX
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulator
Auxiliary Regulator, 5V Standby
LTC1539
Dual High Efficiency Low Noise Synchronous Step-Down Switching Regulator
5V Standby, POR, Low-Battery, Aux Regulator
LTC1530
High Power Step-Down Synchronous DC/DC Controller in SO-8
High Efficiency 5V to 3.3V Conversion at Up to 15A
LTC1625/LTC1775
No RSENSE
TM Current Mode Synchronous Step-Down Controller
97% Efficiency, No Sense Resistor, 16-Pin SSOP
LTC1629
20A to 200A PolyPhase
TM Synchronous Controller
Expandable from 2-Phase to 12-Phase, Uses All
Surface Mount Components, No Heat Sink
LTC1702
No RSENSE 2-Phase Dual Synchronous Step-Down Controller
550kHz, No Sense Resistor
LTC1703
No RSENSE 2-Phase Dual Synchronous Step-Down Controller
Mobile Pentium
® III Processors, 550kHz,
with 5-Bit Mobile VID Control
VIN ≤ 7V
LT1709
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
1.3V
≤ VOUT ≤ 3.5V, Current Mode Ensures
with 5-Bit VID
Accurate Current Sharing, 3.5V
≤ VIN ≤ 36V
LTC1735
High Efficiency Synchronous Step-Down Switching Regulator
Output Fault Protection, 16-Pin SSOP
LTC1736
High Efficiency Synchronous Controller with 5-Bit Mobile VID Control
Output Fault Protection, 24-Pin SSOP,
3.5V
≤ VIN ≤ 36V
LTC1929
2-Phase Synchronous Controller
Up to 42A, Uses All Surface Mount Components,
No Heat Sink, 3.5V
≤ VIN ≤ 36V
Adaptive Power, No RSENSE and PolyPhase are trademarks of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
0.1
µF
4.7
µF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
22
µF
50V
D1
MBRM
140T3
D2
MBRM
140T3
M1A
M1B
M2A
M2B
1
µF
10V
0.1
µF
10
Ω
0.015
Ω
0.015
Ω
INTVCC
3.3V
0.1
µF
20k
1%
105k
1%
33pF
15k
33pF
15k
220pF
220pF
1000pF
1000pF
0.1
µF
20k
1%
63.4k
1%
RUN/SS1
SENSE1+
SENSE1–
VOSENSE1
FREQSET
STBYMD
FCB
ITH1
SGND
3.3VOUT
ITH2
VOSENSE2
SENSE2–
SENSE2+
TG1
SW1
BOOST1
VIN
BG1
EXTVCC
INTVCC
PGND
BG2
BOOST2
SW2
TG2
RUN/SS2
LTC1628
L1
8
µH
L2
8
µH
47
µF
6.3V
56
µF, 4V
GND
VOUT2
3.3V
3A; 4A PEAK
VOUT1
5V
3A; 4A PEAK
VIN
5.2V TO
28V
1628 F13
VIN: 5.2V TO 28V
VOUT: 5V, 4A/3.3V, 4A
SWITCHING FREQUENCY = 300kHz
MI, M2: FDS8936A
L1, L2: 8
µH SUMIDA CEP1238R0MC
OUTPUT CAPACITORS: PANASONIC SP SERIES
27pF
27pF
0.1
µF
CMDSH-3TR
CMDSH-3TR
0.01
µF
FLTCPL
PGOOD
VPULL-UP
(<7V)
FLTCPL*
(PGOOD)
*PGOOD ON THE LTC1628-PG
TYPICAL APPLICATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com