Electronic Components Datasheet Search
  English  ▼

X  

LTC1628 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1628
Description  High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1628 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1628 Datasheet HTML 2Page - Linear Technology LTC1628 Datasheet HTML 3Page - Linear Technology LTC1628 Datasheet HTML 4Page - Linear Technology LTC1628 Datasheet HTML 5Page - Linear Technology LTC1628 Datasheet HTML 6Page - Linear Technology LTC1628 Datasheet HTML 7Page - Linear Technology LTC1628 Datasheet HTML 8Page - Linear Technology LTC1628 Datasheet HTML 9Page - Linear Technology LTC1628 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1628/LTC1628-PG
TEMPERATURE (
°C)
–50
–25
70
74
80
0
50
75
1628 G17
72
78
76
25
100
125
OUTPUT CURRENT (A)
0
0
1
2
3
4
0.5
1.0
1.5
2.0
1628 G18
2.5
3.0
3.5
4.0
RSENSE = 0.015Ω
RSENSE = 0.010Ω
VOUT = 5V
Maximum Current Sense
Threshold vs Temperature
Dropout Voltage vs Output Current
(Figure 13)
Soft-Start Up (Figure 13)
VOUT
5V/DIV
VRUN/SS
5V/DIV
IOUT
2A/DIV
VIN = 15V
5ms/DIV
1628 G19
VOUT = 5V
Load Step (Figure 13)
VOUT
200mV/DIV
IOUT
2A/DIV
VIN = 15V
20
µs/DIV
1628 G20
VOUT = 5V
LOAD STEP = 0A TO 3A
Burst Mode OPERATION
Load Step (Figure 13)
VOUT
200mV/DIV
IOUT
2A/DIV
VIN = 15V
20
µs/DIV
1628 G21
VOUT = 5V
LOAD STEP = 0A TO 3A
CONTINUOUS MODE
Input Source/Capacitor
Instantaneous Current (Figure 13)
IIN
2A/DIV
VIN
200mV/DIV
VSW1
10V/DIV
VIN = 15V
1
µs/DIV
1628 G22
VOUT = 5V
IOUT5 = IOUT3.3 = 2A
Burst Mode Operation (Figure 13)
VOUT
20mV/DIV
IOUT
0.5A/DIV
VIN = 15V
10
µs/DIV
1628 G23
VOUT = 5V
VFCB = OPEN
IOUT = 20mA
Constant Frequency (Burst Inhibit)
Operation (Figure 13)
VOUT
20mV/DIV
IOUT
0.5A/DIV
VIN = 15V
2
µs/DIV
1628 G24
VOUT = 5V
VFCB = 5V
IOUT = 20mA
VSW2
10V/DIV
RUN/SS Current vs Temperature
TEMPERATURE (
°C)
–50
–25
0
0.2
0.6
0.8
1.0
75
100
50
1.8
1628 G25
0.4
0
25
125
1.2
1.4
1.6
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com