Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology LTC1735 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LTC1735
FU CTIO AL DIAGRA
SW
–
+
+
–
0.86V
–
+
0.55V
2.4V
0.8V
0.86V
I1
+
–
I2
+
–
EA
A
BURST
DISABLE
FC
OV
gm =1.3m
B
–
+
4.7V
IREV
+
–
+
–
F
FC
S
R
Q
DROP
OUT
DET
0.8V
REF
SWITCH
LOGIC
SD
6V
R1
RUN/SS
CSS
RC
VOSENSE
VFB
1.2
µA
RUN
SOFT-
START
+
OVER-
CURRENT
LATCHOFF
SD
ITH
CC
0.17
µA
OSC
4(VFB)
BUFFERED
ITH
SLOPE COMP
+
–
–
+
3mV
ICMP
R2
2k
45k
BOT
TOP ON
FORCE BOT
45k
30k
30k
SENSE+
SENSE–
SYNC
1.2V
0.8V
C
TOP
UVL
BOT
INTVCC
5.2V
LDO
REG
VIN
+
CINTVCC
VOUT
VSEC
INTVCC
BG
PGND
VIN
VIN
BOOST
TG
INTVCC
CB
DB
D1
COSC
+
CIN
+
CSEC
+
COUT
EXTVCC
FCB
SGND
COSC
RSENSE
1735 FD
1
5
4
13
15
16
14
12
11
10
9
7
8
3
2
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com