Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 2Page - Linear Technology LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1735
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–40
–15
250
270
300
10
60
85
1735 G19
260
290
280
35
110
135
COSC = 47pF
RUN/SS Pin Current
vs Temperature
TEMPERATURE (
°C)
–40
–15
–5
–3
0
10
60
85
1735 G20
–4
–1
–2
35
110
135
VRUN/SS = 0V
TEMPERATURE (
°C)
–40
–15
–1.0
–0.6
0
10
60
85
1735 G21
–0.8
–0.2
–0.4
35
110
135
VFCB = 0.85V
FCB Pin Current vs Temperature
Start-Up
VOUT
1V/DIV
VRUN/SS
5V/DIV
IL
5A/DIV
VIN = 15V
5ms/DIV
VOUT = 1.6V
RLOAD = 0.16Ω
VOUT(RIPPLE) (Synchronized)
VOUT
10mV/DIV
IL
5A/DIV
EXT SYNC f = fO
10
µs/DIV
VIN = 15V
VOUT = 1.6V
VOUT
20mV/DIV
IL
5A/DIV
VOUT(RIPPLE)
(Burst Mode Operation)
FCB = 5V
50
µs/DIV
VIN = 15V
VOUT = 1.6V
VOUT(RIPPLE)
(Burst Mode Operation)
Load Step (Burst Mode Operation)
Load Step (Continuous Mode)
VOUT
50mV/DIV
IL
5A/DIV
0A TO
10
µs/DIV
9A LOAD STEP
FCB = 0V
VIN = 15V
VOUT = 1.6V
VOUT
50mV/DIV
IL
5A/DIV
VOUT
20mV/DIV
IL
5A/DIV
FCB = 5V
5
µs/DIV
VIN = 15V
VOUT = 1.6V
10mA TO
10
µs/DIV
9A LOAD STEP
FCB = 5V
VIN = 15V
VOUT = 1.6V
1735 G27
1735 G26
1735 G25
1735 G22
1735 G23
1735 G24
FIGURE 1
FIGURE 1
FIGURE 1
FIGURE 1
FIGURE 1
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com