Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 27 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 23Page - Linear Technology LTC1735 Datasheet HTML 24Page - Linear Technology LTC1735 Datasheet HTML 25Page - Linear Technology LTC1735 Datasheet HTML 26Page - Linear Technology LTC1735 Datasheet HTML 27Page - Linear Technology LTC1735 Datasheet HTML 28Page - Linear Technology LTC1735 Datasheet HTML 29Page - Linear Technology LTC1735 Datasheet HTML 30Page - Linear Technology LTC1735 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
LTC1735
TYPICAL APPLICATIO S
1.8V/5A Converter from Design Example with Burst Mode Operation Disabled
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.1
µF
CC2
220pF
47pF
CC
470pF
RC
33k
RSENSE
0.01
Ω
VOUT
1.8V
5A
1000pF
COSC
43pF
+
4.7
µF
+
COUT
150
µF
6.3V
×2
PANASONIC SP
CIN
22
µF
50V
CER
M1
Si4412DY
M2
Si4410DY
COUT: PANASONIC EEFUEOG151R
CIN: MARCON THCR70LE1H226ZT
L1: PANASONIC ETQP6F3R3HFA
RSENSE: IRC LR 2010-01-R010F
1735 TA02
DB
CMDSH-3
R2
32.4k
1%
R1
25.5k
1%
MBRS140T3
VIN
4.5V TO 22V
L1
3.3
µH
OPTIONAL:
CONNECT TO 5V
SGND
CPU Core Voltage Regulator for 2-Step Applications (VIN = 5V)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.22
µF
CC2
220pF
47pF
CC
220pF
RC
20k
100k*
*OPTIONAL TO DEFEAT OVERCURRENT LATCHOFF
RSENSE
0.004
Ω
VOUT
1.5V
12A
1000pF
COSC 39pF
+
4.7
µF
1
µF
100pF
+
COUT
180
µF
4V
×3
CO
47
µF
10V
CIN
150
µF
6.3V
×2
M1
FDS6680A
M2, M3
FDS6680A
×2
COUT: PANASONIC EEFUEOG181R
CIN: PANASONIC EEFUEOJ151R
CO: TAIYO YUDEN LMK550BJ476MM-B
L1: COILCRAFT 1705022P-781HC
RSENSE: IRC LRF 2512-01-R004-J
1735 TA03
DB
MBR0530
R2
32.4k
1%
R1
25.5k
1%
MBRD835L
VIN
5V
L1
0.78
µH
VIN
SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com