Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 3Page - Linear Technology LTC1735 Datasheet HTML 4Page - Linear Technology LTC1735 Datasheet HTML 5Page - Linear Technology LTC1735 Datasheet HTML 6Page - Linear Technology LTC1735 Datasheet HTML 7Page - Linear Technology LTC1735 Datasheet HTML 8Page - Linear Technology LTC1735 Datasheet HTML 9Page - Linear Technology LTC1735 Datasheet HTML 10Page - Linear Technology LTC1735 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
LTC1735
COSC (Pin 1): External capacitor COSC from this pin to
ground sets the operating frequency.
RUN/SS (Pin 2): Combination of Soft-Start and Run
Control Inputs. A capacitor to ground at this pin sets the
ramp time to full output current. The time is approximately
1.25s/
µF. Forcing this pin below 1.5V causes the device to
be shutdown. In shutdown all functions are disabled.
Latchoff overcurrent protection is also invoked via this pin
as described in the Applications Information section.
ITH (Pin 3): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is 0V to 2.4V.
FCB (Pin 4): Forced Continuous/Synchronization Input.
Tie this pin to ground for continuous synchronous opera-
tion, to a resistive divider from the secondary output when
using a secondary winding or to INTVCC to enable Burst
Mode operation at low load currents. Clocking this pin with
a signal above 1.5VP–P disables Burst Mode operation but
allows cycle-skipping at low load currents and synchro-
nizes the internal oscillator with the external clock.
SGND (Pin 5): Small-Signal Ground. All small-signal
components such as COSC, CSS, the feedback divider plus
the loop compensation resistors and capacitor(s) should
single-point tie to this pin. This pin should, in turn, connect
to PGND.
VOSENSE (Pin 6): Receives the feedback voltage from an
external resistive divider across the output.
SENSE – (Pin 7): The (–) Input to the Current Comparator.
SENSE + (Pin 8): The (+) Input to the Current Comparator.
Built-in offsets between SENSE – and SENSE + pins in
conjunction with RSENSE set the current trip threshold.
EXTVCC (Pin 9): Input to the Internal Switch Connected to
INTVCC. This switch closes and supplies VCC power when-
ever EXTVCC is higher than 4.7V. See EXTVCC connection
in the Applications Information section. Do not exceed 7V
on this pin and ensure EXTVCC ≤ VIN.
PGND (Pin 10): Driver Power Ground. Connects to the
source of bottom N-channel MOSFET, the anode of the
Schottky diode, and the (–) terminal of CIN.
BG (Pin 11): High Current Gate Drive for Bottom
N-Channel MOSFET. Voltage swing at this pin is from
ground to INTVCC.
INTVCC (Pin 12): Output of the Internal 5.2V Regulator and
EXTVCC Switch. The driver and control circuits are pow-
ered from this voltage. Decouple to power ground with a
1
µF ceramic capacitor placed directly adjacent to the IC
together with a minimum of 4.7
µF tantalum or other low
ESR capacitor.
VIN (Pin 13): Main Supply Pin. Must be closely decoupled
to power ground.
SW (Pin 14): Switch Node Connection to Inductor and
Bootstrap Capacitor. Voltage swing at this pin is from a
Schottky diode (external) voltage drop below ground to
VIN.
BOOST (Pin 15): Supply to Topside Floating Driver. The
bootstrap capacitor is returned to this pin. Voltage swing
at this pin is from a diode drop below INTVCC to (VIN +
INTVCC).
TG (Pin 16): High Current Gate Drive for Top N-Channel
MOSFET. This is the output of a floating driver with a
voltage swing equal to INTVCC superimposed on the
switch node voltage SW.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com