Electronic Components Datasheet Search
  English  ▼

X  

LTC1735 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1735
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1735 Datasheet HTML 24Page - Linear Technology LTC1735 Datasheet HTML 25Page - Linear Technology LTC1735 Datasheet HTML 26Page - Linear Technology LTC1735 Datasheet HTML 27Page - Linear Technology LTC1735 Datasheet HTML 28Page - Linear Technology LTC1735 Datasheet HTML 29Page - Linear Technology LTC1735 Datasheet HTML 30Page - Linear Technology LTC1735 Datasheet HTML 31Page - Linear Technology LTC1735 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1735
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1998
1735f LT/TP 1199 4K • PRINTED IN USA
TYPICAL APPLICATIO
3.3V to 2.5V/5A Converter with External Clock Synchronization Operating at 500kHz
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147
High Efficiency Step-Down Controller
100% DC*, Burst Mode Operation, SO-8
LTC1148HV/LTC1148
High Efficiency Synchronous Step-Down Controller
100% DC*, Burst Mode Operation, VIN < 20V
LTC1149
High Efficiency Synchronous Step-Down Controller
100% DC*, Std Threshold MOSFETs, VIN < 48V
LTC1159
High Efficiency Synchronous Step-Down Controller
100% DC*, Logic Level MOSFETs, VIN < 40V
LTC1266
High Efficiency Synchronous Step-Down Controller, N-Ch Drive
100% DC*, Burst Mode Operation, VIN < 20V
LT1375/LT1376
1.5A 500kHz Step-Down Switching Regulator
High Efficiency, Monolithic, SO-8
LTC1435A
High Efficiency Synchronous Step-Down Controller, N-Ch Drive
Burst Mode Operation, 16-Pin Narrow SO
LTC1436/LTC1436-PLL
High Efficiency Low Noise Synchronous Step-Down Converter, N-Ch Drive
Adaptive Power Mode, 24-Pin SSOP
LTC1474/LTC1475
Ultralow Quiescent Current Step-Down Monolithic Switching Regulator
100% DC*, 8-Pin MSOP, 10
µA IQ
LTC1624
High Efficiency SO-8 N-Channel Switching Regulator Controller
95% DC*, 3.5V to 36V VIN
LTC1625/LTC1775
No RSENSE
TM Current Mode Synchronous Step-Down Controller
Burst Mode Operation, 16-Pin SSOP
LTC1627
Synchronous Monolithic 0.5A Step-Down Regulator
100% DC*, 2.6V to 8.5V VIN, SO-8
LTC1628
Dual High Efficiency 2-Phase Step-Down Controller
Antiphase Drive for Reduced Input Capacitance
LTC1702
550kHz Dual Output Synchronous Step-Down Controller
Antiphase Drive, 24-Pin SSOP
LTC1735-1
High Efficiency Step-Down Controller with Power Good
Output Fault Protection, 16-Pin SO/SSOP
LTC1736
High Efficiency Step-Down Controller with VID Control
Output Fault Protection, 24-Pin SSOP
LTC1772
SOT-23 Step-Down Controller
100% DC*, Up to 4A, 2.2V to 9.8V VIN
No RSENSE is trademark of Linear Technology Corporation. *DC = Duty Cycle
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.1
µF
0.1
µF
CC2
51pF
47pF
CC
330pF
RC
33k
RSENSE
0.01
Ω
VOUT
2.5V
5A
1000pF
COSC
20pF
+
4.7
µF
+
COUT
100
µF
10V
AVX
×3
M1
Si4410DY
M2
Si4410DY
47pF
1735 TA06
+
CIN
100
µF
10V
OS-CON
DB
CMDSH-3
R2
43.2k
1%
CIN: SANYO OS-CON 10SL100M
COUT: AVX TPSD107M010R0065
L1: COILCRAFT DO3316P-152
RSENSE: IRC LR2010-01-R010-F
R1
20k
1%
MBRS140T3
VIN
3.3V
5V
L1
1.5
µH
SGND
EXT
CLOCK
500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com