Electronic Components Datasheet Search
  English  ▼

X  

LTC1877 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1877 Datasheet HTML 4Page - Linear Technology LTC1877 Datasheet HTML 5Page - Linear Technology LTC1877 Datasheet HTML 6Page - Linear Technology LTC1877 Datasheet HTML 7Page - Linear Technology LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology LTC1877 Datasheet HTML 10Page - Linear Technology LTC1877 Datasheet HTML 11Page - Linear Technology LTC1877 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1877
OPERATIO
Figure 1. Maximum Output Current vs Input Voltage
Figure 2. Maximum Inductor Peak Current vs Duty Cycle
Dropout Operation
When the input supply voltage decreases toward the
output voltage, the duty cycle increases toward the maxi-
mum on-time. Further reduction of the supply voltage
forces the main switch to remain on for more than one
cycle until it reaches 100% duty cycle. The output voltage
will then be determined by the input voltage minus the
voltage drop across the internal P-channel MOSFET and
the inductor.
Low Supply Operation
The LTC1877 is designed to operate down to an input
supply voltage of 2.65V although the maximum allowable
output current is reduced at this low voltage. Figure 1
shows the reduction in the maximum output current as a
function of input voltage for various output voltages.
Another important detail to remember is that at low input
supply voltages, the RDS(ON) of the P-channel switch
increases. Therefore, the user should calculate the power
dissipation when the LTC1877 is used at 100% duty cycle
with a low input voltage (see Thermal Considerations in
the Applications Information section).
Slope Compensation and Inductor Peak Current
Slope compensation provides stability in constant fre-
quency architectures by preventing subharmonic oscilla-
tions at high duty cycles. It is accomplished internally by
adding a compensating ramp to the inductor current
signal at duty cycles in excess of 40%. As a result, the
maximum inductor peak current is reduced for duty cycles
> 40%. This is shown in the decrease of the inductor peak
current as a function of duty cycle graph in Figure 2.
DUTY CYCLE (%)
0
1100
1000
900
800
700
600
80
1877 F02
20
40
60
100
VIN = 5V
VIN (V)
0
1200
1000
800
600
400
200
0
2
46
8
1877 • F01
10
12
VOUT = 2.5V
VOUT = 1.5V
VOUT = 3.3V
VOUT = 5V
L = 10
µH
APPLICATIONS INFORMATION
The basic LTC1877 application circuit is shown on the first
page. External component selection is driven by the load
requirement and begins with the selection of L followed by
CIN and COUT.
Inductor Value Calculation
The inductor selection will depend on the operating fre-
quency of the LTC1877. The internal nominal frequency is
550kHz, but can be externally synchronized from 400kHz
to 700kHz.
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. However, oper-
ating at a higher frequency generally results in lower
efficiency because of increased internal gate charge losses.
The inductor value has a direct effect on ripple current. The
ripple current
∆IL decreases with higher inductance or
frequency and increases with higher VIN or VOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com