Electronic Components Datasheet Search
  English  ▼

X  

LTC1877 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1877 Datasheet HTML 3Page - Linear Technology LTC1877 Datasheet HTML 4Page - Linear Technology LTC1877 Datasheet HTML 5Page - Linear Technology LTC1877 Datasheet HTML 6Page - Linear Technology LTC1877 Datasheet HTML 7Page - Linear Technology LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology LTC1877 Datasheet HTML 10Page - Linear Technology LTC1877 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1877
OPERATIO (Refer to Functional Diagram)
Main Control Loop
The LTC1877 uses a constant frequency, current mode
step-down architecture. Both the main (P-channel MOSFET)
and synchronous (N-channel MOSFET) switches are inter-
nal. During normal operation, the internal top power
MOSFET is turned on each cycle when the oscillator sets
the RS latch, and turned off when the current comparator,
ICOMP, resets the RS latch. The peak inductor current at
which ICOMP resets the RS latch is controlled by the voltage
on the ITH pin, which is the output of error amplifier EA. The
VFB pin, described in the Pin Functions section, allows EA
to receive an output feedback voltage from an external
resistive divider. When the load current increases, it
causes a slight decrease in the feedback voltage relative to
the 0.8V reference, which in turn, causes the ITH voltage to
increase until the average inductor current matches the
new load current. While the top MOSFET is off, the bottom
MOSFET is turned on until either the inductor current
starts to reverse as indicated by the current reversal
comparator IRCMP, or the beginning of the next clock
cycle.
Comparator OVDET guards against transient overshoots
> 6.25% by turning the main switch off and keeping it off
until the fault is removed.
Burst Mode Operation
The LTC1877 is capable of Burst Mode operation in which
the internal power MOSFETs operate intermittently based
on load demand. To enable Burst Mode operation, simply
tie the SYNC/MODE pin to VIN or connect it to a logic high
(VSYNC/MODE > 1.5V). To disable Burst Mode operation
and enable PWM pulse skipping mode, connect the SYNC/
MODE pin to GND. In this mode, the efficiency is lower at
light loads, but becomes comparable to Burst Mode
operation when the output load exceeds 50mA. The ad-
vantage of pulse skipping mode is lower output ripple and
less interference to audio circuitry.
When the converter is in Burst Mode operation, the peak
current of the inductor is set to approximately 250mA,
even though the voltage at the ITH pin indicates a lower
value. The voltage at the ITH pin drops when the inductor’s
average current is greater than the load requirement. As
the ITH voltage drops below approximately 0.45V, the
BURST comparator trips, causing the internal sleep line
to go high and forces off both power MOSFETs. The ITHpin
is then disconnected from the output of the EA amplifier
and parked a diode voltage above ground.
In sleep mode, both power MOSFETs are held off and a
majority of the internal circuitry is partially turned off,
reducing the quiescent current to 10
µA. The load current
is now being supplied solely from the output capacitor.
When the output voltage drops, the ITH pin reconnects to
the output of the EA amplifier and the top MOSFET is again
turned on and this process repeats.
Short-Circuit Protection
When the output is shorted to ground, the frequency of the
oscillator is reduced to about 80kHz, 1/7 the nominal
frequency. This frequency foldback ensures that the
inductor current has ample time to decay, thereby pre-
venting runaway. The oscillator’s frequency will progres-
sively increase to 550kHz (or the synchronized frequency)
when VFB rises above 0.3V.
Frequency Synchronization
A phase-locked loop (PLL) is available on the LTC1877 to
allow the internal oscillator to be synchronized to an
external source connected to the SYNC/MODE pin. The
output of the phase detector at the PLL LPF pin operates
over a 0V to 2.4V range corresponding to 400kHz to
700kHz. When locked, the PLL aligns the turn-on of the top
MOSFET to the rising edge of the synchronizing signal.
When the LTC1877 is clocked by an external source, Burst
Mode operation is disabled; the LTC1877 then operates in
PWM pulse skipping mode. In this mode, when the output
load is very low, current comparator ICOMP may remain
tripped for several cycles and force the main switch to stay
off for the same number of cycles. Increasing the output
load slightly allows constant frequency PWM operation to
resume. This mode exhibits low output ripple as well as
low audio noise and reduced RF interference while provid-
ing reasonable low current efficiency.
Frequency synchronization is inhibited when the feedback
voltage VFB is below 0.6V. This prevents the external clock
from interfering with the frequency foldback for short-
circuit protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com