Electronic Components Datasheet Search
  English  ▼

X  

LTC1877 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology LTC1877 Datasheet HTML 10Page - Linear Technology LTC1877 Datasheet HTML 11Page - Linear Technology LTC1877 Datasheet HTML 12Page - Linear Technology LTC1877 Datasheet HTML 13Page - Linear Technology LTC1877 Datasheet HTML 14Page - Linear Technology LTC1877 Datasheet HTML 15Page - Linear Technology LTC1877 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1877
Figure 8. Single Lithium-Ion to 2.5V/0.3A Regulator from Design Example
TYPICAL APPLICATIONS
APPLICATIONS INFORMATION
Dual Lithium-Ion to 2.5V/0.6A Regulator
Using All Ceramic Capacitors
4-to 6-Cell NiCd/NiMH to 1.8V/0.6A Regulator
Using All Ceramic Capacitors
OUTPUT CURRENT (mA)
0.1
95
90
85
80
75
70
65
60
55
50
1.0
10
1877 • F08b
100
1000
VOUT = 2.5V
L = 15
µH
VIN = 3.6V
VIN = 4.2V
VIN = 3.0V
VOUT
2.5V
220pF
20pF
10
µF**
CER
15
µH*
887k
47
µF***
412k
LTC1877
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
2.7V
TO 4.2V
1877 F08a
+
*SUMIDA CD54-150
**TAIYO YUDEN CERAMIC LMK325BJ106MN
***SANYO POSCAP 6TPA47M
VOUT
2.5V/0.6A
220pF
15
µH*
887k
412k
COUT***
22
µF
CER
LTC1877
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
≤ 8.4V
1877 TA03
*SUMIDA CD54-150
**TAIYO YUDEN CERAMIC LMK325BJ106MN
***TAIYO YUDEN CERAMIC JMK325BJ226MM
20pF
CIN**
10
µF
CER
VOUT
1.8V/0.6A
220pF
10
µH*
887k
698k
COUT***
22
µF
CER
LTC1877
RUN
ITH
VFB
GND
8
7
6
5
1
2
3
4
PLL LPF
SYNC/MODE
VIN
SW
VIN
≤ 9V
1877 TA04
*TOKO D62CB A920CY-100M
**TAIYO YUDEN CERAMIC LMK325BJ106MN
***TAIYO YUDEN CERAMIC JMK325BJ226MM
20pF
CIN**
10
µF
CER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com