Electronic Components Datasheet Search
  English  ▼

X  

LTC1877 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1877
Description  High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1877 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1877 Datasheet HTML 2Page - Linear Technology LTC1877 Datasheet HTML 3Page - Linear Technology LTC1877 Datasheet HTML 4Page - Linear Technology LTC1877 Datasheet HTML 5Page - Linear Technology LTC1877 Datasheet HTML 6Page - Linear Technology LTC1877 Datasheet HTML 7Page - Linear Technology LTC1877 Datasheet HTML 8Page - Linear Technology LTC1877 Datasheet HTML 9Page - Linear Technology LTC1877 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1877
FUNCTIONAL DIAGRA
+
–
+
–
+
–
+
–
OVDET
EA
IRCMP
+
–
ICOMP
8
7
3
1
RUN
PLL LPF
VCO
X
Y
Y = “0” ONLY WHEN X IS A CONSTANT “1”
BURST
DEFEAT
SLOPE
COMP
OSC
SYNC/MODE
0.6V
FREQ
SHIFT
VREF
0.8V
0.85V
gm = 0.5m
0.8V REF
SHUTDOWN
0.45V
0.8V
SLEEP
VIN
VIN
VIN
VIN
ITH
SLEEP
VFB
EN
BURST
VIN
2
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI
SHOOT-
THRU
Q
Q
6
Ω
6
SW
5
GND
1877 BD
4
RUN (Pin 1): Run Control Input. Forcing this pin below
0.4V shuts down the LTC1877. In shutdown all functions
are disabled drawing <1
µAsupplycurrent.Forcingthispin
above 1.2V enables the LTC1877. Do not leave RUN
floating.
ITH (Pin 2): Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. Nominal voltage range for this pin is from 0.5V
to 1.9V.
VFB (Pin 3): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
GND (Pin 4): Ground Pin.
SW (Pin 5): Switch Node Connection to Inductor. This pin
PIN FUNCTIONS
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 6): Main Supply Pin. Must be closely decoupled
to GND, Pin 4.
SYNC/MODE (Pin 7): External Clock Synchronization and
Mode Select Input. To synchronize with an external clock,
apply a clock with a frequency between 400kHz and
700kHz. To select Burst Mode operation, tie to VIN.Ground-
ing this pin selects pulse skipping mode. Do not leave this
pin floating.
PLL LPF (Pin 8): Output of the Phase Detector and Control
Input of Oscillator. Connect a series RC lowpass network
from this pin to ground if externally synchronized. If
unused, this pin may be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com