Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 1 Page - Linear Technology

  LTC3624 Datasheet HTML 1Page - Linear Technology LTC3624 Datasheet HTML 2Page - Linear Technology LTC3624 Datasheet HTML 3Page - Linear Technology LTC3624 Datasheet HTML 4Page - Linear Technology LTC3624 Datasheet HTML 5Page - Linear Technology LTC3624 Datasheet HTML 6Page - Linear Technology LTC3624 Datasheet HTML 7Page - Linear Technology LTC3624 Datasheet HTML 8Page - Linear Technology LTC3624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3624/LTC3624-2
1
36242fc
For more information www.linear.com/LTC3624
Typical applicaTion
FeaTures
DescripTion
17V, 2A Synchronous
Step-Down Regulator with
3.5µA Quiescent Current
The LTC®3624/LTC3624-2 is a high efficiency 17V, 2A
synchronous monolithic step-down regulator. The switch-
ing frequency is fixed to 1MHz (LTC3624) or 2.25MHz
(LTC3642-2) with a ±40% synchronization range. The
regulator features ultralow quiescent current and high
efficiency over a wide VOUT range.
The step-down regulator operates from an input voltage
range of 2.7V to 17V and provides an adjustable output
range from 0.6V to VIN while delivering up to 2A of output
current. A user-selectable mode input is provided to allow
the user to trade off ripple noise for light load efficiency;
Burst Mode operation provides the highest efficiency at
lightloads,whilepulse-skippingmodeprovidesthelowest
voltage ripple. The MODE pin can also be used to sync the
switching frequency to an external clock.
Efficiency and Power Loss vs Load
5V VOUT with 800mA Burst Clamp, fSW = 1MHz
applicaTions
n
Wide VIN Range: 2.7V to 17V
n
Wide VOUT Range: 0.6V to VIN
n
95% Max Efficiency
n
Low IQ: 3.5µA, Zero-Current Shutdown
n
Constant Frequency (1MHz/2.25MHz)
n
Fixed VOUT Options Available
n
Low Dropout Operation (100% Duty Cycle) with
Ultralow IQ
n
2A Rated Output Current
n
±1% Output Voltage Accuracy
n
Current Mode Operation for Excellent Line and Load
Transient Response
n
Synchronizable to External Clock
n
Pulse-Skipping, Forced Continuous, Burst Mode®
Operation
n
Internal Compensation and Soft-Start
n
Overtemperature Protection
n
Compact 8-Lead DFN (3mm
× 3mm) Package
n
Battery Powered Equipment
n
Portable Instrumentation
n
Emergency Radios
n
General Purpose Step-Down Supplies
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5481178, 6580258,
6498466, 6611131, 6177787, 5705919, 5847554, 6703692.
LTC3624/LTC3624-2 Options
PART NAME
FREQUENCY
VOUT
LTC3624
1MHz
Adjustable
LTC3624-3.3
1MHz
3.3V
LTC3624-5
1MHz
5V
LTC3624-2
2.25MHz
Adjustable
LTC3624-23.3
2.25MHz
3.3V
LTC3624-25
2.25MHz
5V
LOAD CURRENT (A)
0
0
10
30
40
50
100
70
0.5
1
3624 TA01b
20
80
90
60
0
0.2
0.4
0.6
1.2
1.0
0.8
1.5
2
VOUT = 5V
BURST MODE OPERATION
VIN = 12V
VIN = 8V
VIN = 6V
FREQ = 1MHz
2.2µF
47µF
36242 TA01a
3.3µH
VOUT
5V
2A
VIN
RUN
SW
VIN
5.6V TO 17V
LTC3624-5
GND
FB
MODE/SYNC
INTVCC
10µF


Similar Part No. - LTC3624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
logo
Analog Devices
LTC3624 AD-LTC3624 Datasheet
1Mb / 20P
Quad 17V, 1.25A Parallelable Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624 AD-LTC3624 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTC3624 AD-LTC3624 Datasheet
1Mb / 35P
Quad 18V, ±5A Synchronous Monolithic Step-Down Regulator
Rev 0
logo
Linear Technology
LTC3624-2 LINER-LTC3624-2 Datasheet
324Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
More results

Similar Description - LTC3624

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3621 LINER-LTC3621_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3621-2 LINER-LTC3621-2_15 Datasheet
289Kb / 18P
17V, 1A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LTC3622 LINER-LTC3622_15 Datasheet
593Kb / 24P
17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
LTC3624-2 LINER-LTC3624-2_15 Datasheet
369Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LTC3624 LINER-LTC3624 Datasheet
324Kb / 20P
17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
LTC7124 LINER-LTC7124 Datasheet
1Mb / 22P
17V, Dual 3.5A Synchronous Step-Down Regulator with Ultralow Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com