Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 5 Page - Linear Technology

  LTC3624 Datasheet HTML 1Page - Linear Technology LTC3624 Datasheet HTML 2Page - Linear Technology LTC3624 Datasheet HTML 3Page - Linear Technology LTC3624 Datasheet HTML 4Page - Linear Technology LTC3624 Datasheet HTML 5Page - Linear Technology LTC3624 Datasheet HTML 6Page - Linear Technology LTC3624 Datasheet HTML 7Page - Linear Technology LTC3624 Datasheet HTML 8Page - Linear Technology LTC3624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3624/LTC3624-2
5
36242fc
For more information www.linear.com/LTC3624
Typical perForMance characTerisTics
Burst Mode Operation
Pulse-Skipping Mode Operation
Load Transient Response
Soft-Start Operation
Efficiency vs Load Current in
Burst Mode Operation at 2.25MHz
IQ vs VIN
IQ vs Temperature
Efficiency vs Load Current at 1MHz
Efficiency vs Load Current in
Dropout
TJ = 25°C, unless otherwise noted.
LOAD CURRENT (A)
36242 G01
100
80
70
90
60
50
30
20
10
40
0
0.0001
0.1
1 2
0.01
0.001
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
VIN = 12V
Burst Mode OPERATION
LOAD CURRENT (A)
36242 G03
100
90
80
70
60
50
40
30
20
10
0
0.0001
0.001
1 2
0.1
0.01
Burst Mode
OPERATION
VIN = 5V
100% DUTY CYCLE
FREQ = 1MHz
FORCE CONTINUOUS
MODE
VIN (V)
0
7
6
8
10
9
16
36242 G04
5
4
2
1
3
0
2
4
6
8 10 12 14
18 20
SLEEP
SHUTDOWN
TEMPERATURE (°C)
–50
6
10
8
12
100
150
36242 G05
4
2
0
0
50
SHUTDOWN
SLEEP
VIN = 12V
VOUT = 2.5V
Burst Mode OPERATION
IOUT = 30mA
L = 2.2µH
4µs/DIV
SW
5V/DIV
36242 G06
VOUT
AC-COUPLED
50mV/DIV
IL
1A/DIV
VIN = 12V
VOUT = 2.5V
PULSE-SKIPPING MODE
IOUT = 10mA
L = 2.2µH
SW
5V/DIV
36242 G07
VOUT
AC-COUPLED
50mV/DIV
IL
1A/DIV
4µs/DIV
VIN = 12V
VOUT = 2.5V
ILOAD = 0A to 1.8A
FORCED CONTINUOUS MODE
VOUT
200mV/DIV
36242 G08
ILOAD
2A/DIV
IL
2A/DIV
40µs/DIV
VIN = 12V
VOUT = 2.5V
ILOAD = 1A
RUN
10V/DIV
36242 G09
IL
0.5A/DIV
PGOOD
5V/DIV
VOUT
1V/DIV
1ms/DIV
LOAD CURRENT (A)
36242 G02
100
80
70
90
60
50
30
20
10
40
0
0.001
1 2
0.1
0.01
VOUT = 5V
VOUT = 3V
VOUT = 2.5V
VIN = 12V
Burst Mode OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com