Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3624 Datasheet HTML 10Page - Linear Technology LTC3624 Datasheet HTML 11Page - Linear Technology LTC3624 Datasheet HTML 12Page - Linear Technology LTC3624 Datasheet HTML 13Page - Linear Technology LTC3624 Datasheet HTML 14Page - Linear Technology LTC3624 Datasheet HTML 15Page - Linear Technology LTC3624 Datasheet HTML 16Page - Linear Technology LTC3624 Datasheet HTML 17Page - Linear Technology LTC3624 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTC3624/LTC3624-2
14
36242fc
For more information www.linear.com/LTC3624
applicaTions inForMaTion
shown in Figure 1. Capacitor CFF provides phase lead by
creating a high frequency zero with R2, which improves
the phase margin.
Theoutputvoltagesettlingbehaviorisrelatedtothestability
of the closed-loop system and will demonstrate the actual
overall supply performance. For a detailed explanation of
optimizing the compensation components, including a
review of control loop theory, refer to application Note 76.
Insomeapplications,amoreseveretransientcanbecaused
by switching in loads with large (>1µF) input capacitors.
The discharge input capacitors are effectively put in paral-
lel with COUT, causing a rapid drop in VOUT. No regulator
can deliver enough current to prevent this problem if the
switchconnectingtheloadhaslowresistanceandisdriven
quickly. The solution is to limit the turn-on speed of the
load switch driver. A Hot Swap™ controller is designed
specifically for this purpose and usually incorporates
current limiting, short-circuit protection and soft-starting.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 +…)
where L1, L2, etc. are the individual losses as a percent-
age of input power. Although all dissipative elements in
the circuit produce losses, three main sources usually
account for most of the losses in LTC3624/LTC3624-2
circuits: 1) I2R losses, 2) switching and biasing losses,
3) other losses.
1. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L but is “chopped” between the
internal top and bottom power MOSFETs. Thus, the
series resistance looking into the SW pin is a function
of both top and bottom MOSFET RDS(ON) and the duty
cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
TheRDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
2. The switching current is the sum of the MOSFET driver
and control currents. The power MOSFET driver current
resultsfromswitchingthegatecapacitanceofthepower
MOSFETs. Each time a power MOSFET gate is switched
from low to high to low again, a packet of charge dQ
moves from IN to ground. The resulting dQ/dt is a cur-
rent out of IN that is typically much larger than the DC
control bias current. In continuous mode, IGATECHG =
f(QT + QB), where QT and QB are the gate charges of
the internal top and bottom power MOSFETs and f is
the switching frequency. The power loss is thus:
Switching Loss = IGATECHG • VIN
The gate charge loss is proportional to VIN and f and
thus their effects will be more pronounced at higher
supply voltages and higher frequencies.
3. Other “hidden” losses such as transition loss and cop-
per trace and internal load resistances can account for
additional efficiency degradations in the overall power
system. It is very important to include these “system”
level losses in the design of a system. Transition loss
arises from the brief amount of time the top power
MOSFET spends in the saturated region during switch
node transitions. The LTC3624/LTC3624-2 internal
power devices switch quickly enough that these losses
are not significant compared to other sources. These
losses plus other losses, including diode conduction
losses during dead-time and inductor core losses,
generally account for less than 2% total additional loss.
Thermal Conditions
Inamajorityofapplications,theLTC3624/LTC3624-2does
not dissipate much heat due to its high efficiency and
low thermal resistance of its exposed pad DFN package.
However, in applications where the LTC3624/LTC3624-2
is running at high ambient temperature, high VIN, high
switching frequency, and maximum output current load,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com