Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 2 Page - Linear Technology

  LTC3624 Datasheet HTML 1Page - Linear Technology LTC3624 Datasheet HTML 2Page - Linear Technology LTC3624 Datasheet HTML 3Page - Linear Technology LTC3624 Datasheet HTML 4Page - Linear Technology LTC3624 Datasheet HTML 5Page - Linear Technology LTC3624 Datasheet HTML 6Page - Linear Technology LTC3624 Datasheet HTML 7Page - Linear Technology LTC3624 Datasheet HTML 8Page - Linear Technology LTC3624 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3624/LTC3624-2
2
36242fc
For more information www.linear.com/LTC3624
absoluTe MaxiMuM raTings
VIN Voltage................................................. –0.3V to 17V
RUN Voltage............................................... –0.3V to 17V
MODE/SYNC, FB Voltages............................ –0.3V to 6V
INTVCC, PGOOD Voltages ............................ –0.3V to 6V
(Note 1)
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
9
GND
4
3
2
1
SW
VIN
RUN
PGOOD
GND
MODE/SYNC
INTVCC
FB
TJMAX = 125°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
SW
SW
VIN
VIN
RUN
PGOOD
12
11
10
9
8
7
GND
GND
MODE/SYNC
INTVCC
FB
NC
13
GND
TOP VIEW
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB FOR
OPTIMAL THERMAL PERFORMANCE
pin conFiguraTion
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3624EDD#PBF
LTC3624EDD#TRPBF
LGJF
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624IDD#PBF
LTC3624IDD#TRPBF
LGJF
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624EMSE#PBF
LTC3624EMSE#TRPBF
3624
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624IMSE#PBF
LTC3624IMSE#TRPBF
3624
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624HMSE#PBF
LTC3624HMSE#TRPBF
3624
12-Lead Plastic MSOP
–40°C to 150°C
LTC3624EDD-3.3#PBF
LTC3624EDD-3.3#TRPBF
LGRG
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624IDD-3.3#PBF
LTC3624IDD-3.3#TRPBF
LGRG
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624EMSE-3.3#PBF
LTC3624EMSE-3.3#TRPBF
362433
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624IMSE-3.3#PBF
LTC3624IMSE-3.3#TRPBF
362433
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624HMSE-3.3#PBF
LTC3624HMSE-3.3#TRPBF
362433
12-Lead Plastic MSOP
–40°C to 150°C
LTC3624EDD-5#PBF
LTC3624EDD-5#TRPBF
LGRD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624IDD-5#PBF
LTC3624IDD-5#TRPBF
LGRD
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624EMSE-5#PBF
LTC3624EMSE-5#TRPBF
36245
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624IMSE-5#PBF
LTC3624IMSE-5#TRPBF
36245
12-Lead Plastic MSOP
–40°C to 125°C
LTC3624HMSE-5#PBF
LTC3624HMSE-5#TRPBF
36245
12-Lead Plastic MSOP
–40°C to 150°C
LTC3624EDD-2#PBF
LTC3624EDD-2#TRPBF
LGMN
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
LTC3624IDD-2#PBF
LTC3624IDD-2#TRPBF
LGMN
8-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Operating Junction Temperature Range
(Notes 2, 5)............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com