Electronic Components Datasheet Search
  English  ▼

X  

LTC3624 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3624
Description  17V, 2A Synchronous Step-Down Regulator with 3.5A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3624 Datasheet HTML 2Page - Linear Technology LTC3624 Datasheet HTML 3Page - Linear Technology LTC3624 Datasheet HTML 4Page - Linear Technology LTC3624 Datasheet HTML 5Page - Linear Technology LTC3624 Datasheet HTML 6Page - Linear Technology LTC3624 Datasheet HTML 7Page - Linear Technology LTC3624 Datasheet HTML 8Page - Linear Technology LTC3624 Datasheet HTML 9Page - Linear Technology LTC3624 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3624/LTC3624-2
6
36242fc
For more information www.linear.com/LTC3624
Typical perForMance characTerisTics
Efficiency vs Input Voltage
Oscillator Frequency
vs Temperature
RDS(ON) vs Temperature
Load Regulation
Line Regulation
VIN vs Peak Current Limit
Oscillator Frequency
vs Supply Voltage
Reference Voltage
vs Temperature
RDS(ON) vs Input Voltage
TJ = 25°C, unless otherwise noted.
SUPPLY VOLTAGE (V)
2
1.0
1.5
36242 G12
0.5
0
7
12
17
2.0
VIN (V)
0
200
400
600
100
300
500
8
10
12
36242 G14
4
2
6
14
16
BOTTOM FET
TOP FET
LOAD CURRENT (A)
0
–0.80
–0.20
–0.40
–0.60
0.20
0.80
1.5
36242 G16
0
0.60
0.40
0.5
1
2
FORCED CONTINUOUS MODE
VIN (V)
2
–0.80
–0.20
–0.40
–0.60
0.20
0.80
14
12
36242 G17
0
0.60
0.40
4
6
10
8
16
VIN (V)
0
60
80
100
15
36242 G10
40
20
50
70
90
30
10
0
5
10
20
ILOAD = 10mA
ILOAD = 1A
VOUT = 5V
FREQ = 1MHz
Burst Mode OPERATION
TEMPERATURE (°C)
–50
599.5
600.0
600.5
36242 G13
599.0
598.5
0
50
100
150
598.0
597.5
TEMPERATURE (°C)
–50
0
100
300
600
0
50
75 100
36242 G15
200
500
400
–25
25
150
125
BOTTOM FET
TOP FET
VIN = 12V
VIN (V)
0
0
2
3
5
36242 G18
1
2
4
6
14 16 18
12
20
8 10
4
150°C
25°C
TEMPERATURE (°C)
–50
1.5
2.0
25
75
36242 G11
1.0
–25
0
50
100
150
125
0.5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com