Electronic Components Datasheet Search
  English  ▼

X  

UPD9930 Datasheet(PDF) 7 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 7 Page - NEC

Back Button UPD9930 Datasheet HTML 3Page - NEC UPD9930 Datasheet HTML 4Page - NEC UPD9930 Datasheet HTML 5Page - NEC UPD9930 Datasheet HTML 6Page - NEC UPD9930 Datasheet HTML 7Page - NEC UPD9930 Datasheet HTML 8Page - NEC UPD9930 Datasheet HTML 9Page - NEC UPD9930 Datasheet HTML 10Page - NEC UPD9930 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 78 page
background image
µPD9930
7
Table 1-1 List of Pin Functions (2/2)
Pin No.
Pin Name
Input/Output
Function
25
XAUXI–
Input
Accessory input amplifier inverted input
26
XACOMI
Input
Voice send internal reference voltage input
27
XACOMO
Output
Voice send internal reference voltage (1.2 V) output
28
RACOMO
Output
Voice receive internal reference voltage (1.2 V) output
29
RACOMI
Input
Voice receive internal reference voltage input
30
REC2O+
Output
Receiver amplifier 2 non-inverted output
31
REC2O–
Output
Receiver amplifier 2 inverted output
32
IC
—
Internal connection; leave unconnected
33
REC2I–
Input
Receiver amplifier 2 inverted input
Connect sidetone gain adjust resistor.
34
REC1O
Output
Receiver amplifier 1 output
35
RAUXO
Output
Accessory output amplifier output
36
AVDD1
—
Analog power. Connect to an analog power supply line near
µPD9930 pins.
37
AVDD2
—
38
DVDD
—
Digital power. Connect to a digital power supply line near
µPD9930 pins.
39
SEN
Output
DSP interface enable signal output
40
SI
Input
DSP interface serial input
41
SO
Output
DSP interface serial output
42
SCLK
Output
DSP interface clock output (256 kHz)
43
TEST
Input
Set at high level
44
MSTR
Input
Microcontroller interface strobe signal input
Caution Short-circuit the XACOMI and XACOMO pins at a location as close to the pins of the
µPD9930 as
possible. Connect a capacitor (chip capacitor or electrolytic capacitor) between this short-circuited
portion and analog ground.
The same applies to the RACOMI and RACOMO pins.
The transmission/reception level is determined by these reference pins. Therefore, make sure that
these pins are not affected by noise or fluctuation of ground potential due to current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com