Electronic Components Datasheet Search
  English  ▼

X  

UPD9930 Datasheet(PDF) 1 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 1 Page - NEC

  UPD9930 Datasheet HTML 1Page - NEC UPD9930 Datasheet HTML 2Page - NEC UPD9930 Datasheet HTML 3Page - NEC UPD9930 Datasheet HTML 4Page - NEC UPD9930 Datasheet HTML 5Page - NEC UPD9930 Datasheet HTML 6Page - NEC UPD9930 Datasheet HTML 7Page - NEC UPD9930 Datasheet HTML 8Page - NEC UPD9930 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
©
1994,1996
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD9930
LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
The
µPD9930 is a +3 V single power operation, low power consumption linear CODEC LSI developed for digital
cellular telephone use.
CODEC has a wide dynamic use.
This IC also features a microphone/receiver amplifier, a tone generator, DAI (Digital Audio Interface: conforming
to GSM11.10), and a power-saving function. These functions can be controlled by microcontroller.
In addition, 21 mW (TYP.) low power consumption is enabled during 3 V operation.
FEATURES
• +3 V single power supply
• Low power consumption
In operation: 7 mA (TYP.) (VDD = 3 V)
In stand-by mode: 50
µA (TYP.) (VDD = 3 V)
• CODEC
• 13-bit precision linear coding
• Transmission level can be controlled by microcontroller.
• Analog input/output funciton
• Low noise microphone amplifier
• High output receiver amplifier
Piezo-electric receiver can be directly driven.
Gain canbe controlled by microcontroller.
• On-chip amplifier for accessory input/output
• Tone generator
• Frequency, generating pattern and gain can be controlled
by microcontroller.
• DTMF generation function
• Various service tone generation function
• GSM triple tone generation function
• Desired tone frequency can be registered (0.3 to 3.4 kHz)
Document No. S11616EJ2V0DS00 (2nd edition)
(Previous No. IC-3342)
Date Published November 1996 N
Printed in Japan
The information in this document is subject to change without notice.
• DAI
• Conforming to GSM11.10
• Test mode can be set by terminal or microcontroller
command.
• Stand-by mode
• Rise time at time of stand-by clearing: 30.5 ms (TYP.)
• Master clock generation PLL (external clock input: 8 kHz)
• Tone interrupt pattern output function
• Ringer output function
ORDERING INFORMATION
Part Number
Package
µPD9930G-22
44-pin plastic QFP (10
× 10 mm)
The mark
shows major revised points.


Similar Part No. - UPD9930

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD9930 RENESAS-UPD9930 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
UPD9930G-22 RENESAS-UPD9930G-22 Datasheet
539Kb / 80P
MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD9930

ManufacturerPart #DatasheetDescription
logo
Rohm
BU8730KV ROHM-BU8730KV Datasheet
215Kb / 10P
Linear codec IC for digital cellular telephones
BU8731KV ROHM-BU8731KV Datasheet
240Kb / 11P
PCM codec IC for digital cellular telephones
BU8733KV ROHM-BU8733KV Datasheet
235Kb / 11P
PCM codec IC for digital cellular telephones
logo
Asahi Kasei Microsystem...
AK2307 AKM-AK2307 Datasheet
457Kb / 39P
SPEECH CODEC for Digital Key telephone (5.0V/3.3V)
logo
LSI Computer Systems
BU8776KN LSI-BU8776KN Datasheet
76Kb / 2P
PCM CODEC for Digital cellular phones
logo
Texas Instruments
TCM8002 TI-TCM8002 Datasheet
322Kb / 25P
DATA PROCESSOR FOR CELLULAR TELEPHONE
logo
Mitsumi Electronics, Co...
KB-F99 MITSUMI-KB-F99 Datasheet
74Kb / 2P
Interface Connectors for Cellular Telephone
KB-H03 MITSUMI-KB-H03 Datasheet
60Kb / 2P
Interface Connectors for Cellular Telephone
CAM-E87 MITSUMI-CAM-E87 Datasheet
71Kb / 2P
Interface Connectors for Cellular Telephone
logo
Asahi Kasei Microsystem...
AK2308LV AKM-AK2308LV_05 Datasheet
423Kb / 31P
SPEECH CODEC for Digital Key telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com