Electronic Components Datasheet Search
  English  ▼

X  

UPD9930 Datasheet(PDF) 11 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 11 Page - NEC

Back Button UPD9930 Datasheet HTML 7Page - NEC UPD9930 Datasheet HTML 8Page - NEC UPD9930 Datasheet HTML 9Page - NEC UPD9930 Datasheet HTML 10Page - NEC UPD9930 Datasheet HTML 11Page - NEC UPD9930 Datasheet HTML 12Page - NEC UPD9930 Datasheet HTML 13Page - NEC UPD9930 Datasheet HTML 14Page - NEC UPD9930 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
µPD9930
11
TIMER
RINGER
REC10
RAUXO
(Tone output)
RINGER
RAUXO
(Tone output)
2.1.4 Audio Digital Accessory Output
(1) Ringer output (RINGER pin)
•
Outputs rectangular waves of the same signal frequency as tone signal frequency.
•
The output is controlled by turning off power to the output buffer with a control register.
Figure 2-3 RINGER Output
The RINGER signal tends to bounce when the tone output (RAUXO) signal crosses its zero level, and this
tendency increases as the tone output gain decreases (lower than 0 dB).
When using RINGER pin, tune the tone output gain by TNGCR (Tone gain control register) to 0 dB.
(2) Timer (tone interval) output (TIMER pin)
Outputs rectangular waves of the same pattern as the tone signal interrupt pattern. This is used to make the
LED blink in synchronization with the ringer tone.
Figure 2-4 Digital Accessory Output Waveform
2.1.5 Audio Digital Signal Processor
Send signal digital BPF processing, receive signal digital LPF processing, transmission level (digital gain)
control, and tone generation processing.
(1) Voice send signal digital gain fine adjustment function
Performs gain fine adjustment for voice send signal by digital coefficient multiplication. Together with prefilter
gain adjustment, fine adjustment is possible at a width of 5.8 dB.
(2) Voice receive signal digital gain fine adjustment function
Performs fine adjustment of gain for voice receive signal by digital coefficient multiplication.
(3) Tone generation function
Generates single-tone and dual-tone audible signals. Tone frequency, interrupt pattern, gain, generation/stop
can be controlled by microcontroller command. GSM triple tone can be generated by special command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com