Electronic Components Datasheet Search
  English  ▼

X  

UPD9930 Datasheet(PDF) 9 Page - NEC

Part # UPD9930
Description  LINEAR CODEC FOR DIGITAL CELLULAR TELEPHONE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD9930 Datasheet(HTML) 9 Page - NEC

Back Button UPD9930 Datasheet HTML 5Page - NEC UPD9930 Datasheet HTML 6Page - NEC UPD9930 Datasheet HTML 7Page - NEC UPD9930 Datasheet HTML 8Page - NEC UPD9930 Datasheet HTML 9Page - NEC UPD9930 Datasheet HTML 10Page - NEC UPD9930 Datasheet HTML 11Page - NEC UPD9930 Datasheet HTML 12Page - NEC UPD9930 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
µPD9930
9
to Vref
XAUXI–
XAUXO
(0 to 10 dB)
(to XACOMO)
MICI+
MICI–
(15 to 33 dB)
MICO
MIXI
Accessory input amplifier
Microphone
amplifier
–
+
–
+
R2
R1
R1
R3
R4
Pre-filter +
mixer
0 or –3 dB
2. BLOCK FUNCTIONS
2.1 CODEC
2.1.1 Audio Codec
Audio analog signal and linear code conversion.
•
Input/output format: 16 bits (2's complement)
•
Accuracy: 13 bits
2.1.2 Audio Analog Input
Includes microphone input and accessory input.
(1) Microphone amplifier
Amplifiers differential input signals from the microphone to the required gain.
(2) Accessory input amplifier
Amplifiers the accessory input signal to the required gain.
(3) Pre-filter + mixer
Selects the output signal of microphone amplifier and accessory input amplifier, and inputs these to A/D converter
after controlled gain.
Table 2-1 Analog Input Function
Function
Gain setting method
External resistor
External resistor
Microcontroller
command
Gain setting range
15 to 33 dB
0 to 10 dB
0 or –3 dB
20 log
(dB)
20 log
(dB)
Minimum resistive load
50 k
Ω
300 k
Ω
—
(Including gain setting resistance)
(Including gain setting resistance)
Maximum capacitive load
20 pF
20 pF
—
Maximum output level
0.6 V0-p
0.6 V0-p
—
Figure 2-1 Analog Input Block
Amplifier
R2
R3
R1
R4
Microphone Amplifier
Accessory Input Amplifier
Pre-filter + Mixer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com