Electronic Components Datasheet Search
  English  ▼

X  

LTC3609 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 1 Page - Linear Technology

  LTC3609 Datasheet HTML 1Page - Linear Technology LTC3609 Datasheet HTML 2Page - Linear Technology LTC3609 Datasheet HTML 3Page - Linear Technology LTC3609 Datasheet HTML 4Page - Linear Technology LTC3609 Datasheet HTML 5Page - Linear Technology LTC3609 Datasheet HTML 6Page - Linear Technology LTC3609 Datasheet HTML 7Page - Linear Technology LTC3609 Datasheet HTML 8Page - Linear Technology LTC3609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC3609

3609fb
Typical applicaTion
FeaTures
applicaTions
DescripTion
32V, 6A Monolithic
Synchronous Step-Down
DC/DC Converter
TheLTC®3609isahighefficiency,monolithicsynchronous
step-downDC/DCconverterthatcandeliverupto6Aoutput
current from a 4V to 32V (36V maximum) input supply. It
uses a valley current control architecture to deliver very
low duty cycle operation at high frequency with excellent
transient response. The operating frequency is selected
by an external resistor and is compensated for variations
in VIN and VOUT.
The LTC3609 can be configured for discontinuous or
forced continuous operation at light load. Forced continu-
ous operation reduces noise and RF interference while
discontinuous mode provides high efficiency by reducing
switching losses at light loads.
Fault protection is provided by internal foldback current
limiting,anoutputovervoltagecomparatorandanoptional
short-circuit shutdown timer. Soft-start capability for sup-
ply sequencing is accomplished using an external timing
capacitor.Theregulatorcurrentlimitisuserprogrammable.
A power good output voltage monitor indicates when
the output is in regulation. The LTC3609 is available in a
compact 7mm
× 8mm QFN package.
n
6AOutputCurrent
n
WideVINRange=4Vto32V(36VMaximum)
n
InternalN-ChannelMOSFETs
n
TrueCurrentModeControl
n
OptimizedforHighStep-DownRatios
n
tON(MIN)≤100ns
n
ExtremelyFastTransientResponse
n
StablewithCeramicCOUT
n
±1%0.6VVoltageReference
n
Power Good Output Voltage Monitor
n
Adjustable On-Time/Switching Frequency
n
Adjustable Current Limit
n
Programmable Soft-Start
n
Output Overvoltage Protection
n
Optional Short-Circuit Shutdown Timer
n
Low Shutdown IQ: 15µA
n
Available in a 7mm
× 8mm 52-Pin QFN Package
n
Point of Load Regulation
n
Distributed Power Systems
1.2µH
4.7µF
10µF
x3
VIN
4V TO 32V
VOUT
2.5V
6A
3609 TA01a
187k
0.1µF
ION
VIN
SW
BOOST
RUN/SS
ITH
VON
VOUT
SGND
INTVCC
FCB
PGND
VFB
VRNG
0.22µF
100µF
x2
15.8k
LTC3609
1000pF
EXTVCC
PGOOD
30.1k
9.53k
100pF
LOAD CURRENT (A)
0.01
80
90
3609 TA01b
70
0
50
40
30
20
10
60
0.1
1
10
100
1000
100
1
10
10000
VOUT = 2.5V
EXTVCC = 5V
VIN = 12V
VIN = 25V
POWER LOSS
EFFICIENCY
HighEfficiencyStep-DownConverter
EfficiencyandPowerLoss
vsLoadCurrent
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6100678, 6580258, 5847554, 6304066.


Similar Part No. - LTC3609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609EWKG-PBF LINER-LTC3609EWKG-PBF Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609EWKG-TRPBF LINER-LTC3609EWKG-TRPBF Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609IWKG-PBF LINER-LTC3609IWKG-PBF Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3609IWKG-TRPBF LINER-LTC3609IWKG-TRPBF Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3609

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
LTC3611 LINER-LTC3611 Datasheet
403Kb / 24P
10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
624Kb / 35P
6A Digital-DC Synchronous Step-Down DC-DC Converter
February 19, 2009
logo
Linear Technology
LTC3616 LINER-LTC3616 Datasheet
442Kb / 28P
6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Linear Technology
LTC3611 LINER-LTC3611_15 Datasheet
421Kb / 26P
10A, 32V Monolithic Synchronous Step-Down DC/DC Converter
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com