Electronic Components Datasheet Search
  English  ▼

X  

LTC3609 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 4 Page - Linear Technology

  LTC3609 Datasheet HTML 1Page - Linear Technology LTC3609 Datasheet HTML 2Page - Linear Technology LTC3609 Datasheet HTML 3Page - Linear Technology LTC3609 Datasheet HTML 4Page - Linear Technology LTC3609 Datasheet HTML 5Page - Linear Technology LTC3609 Datasheet HTML 6Page - Linear Technology LTC3609 Datasheet HTML 7Page - Linear Technology LTC3609 Datasheet HTML 8Page - Linear Technology LTC3609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC3609

3609fb
elecTrical characTerisTics
Theldenotesthespecificationswhichapplyoverthefulloperating
junctiontemperaturerange,otherwisespecificationsareatTA=25°C.VIN=15Vunlessotherwisenoted.
Note1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note2: TJ is calculated from the ambient temperature TA and power
dissipation PD as follows:
TJ = TA + (PD • 29°C/W) (θJA is simulated per JESD51-7 high effective
thermal conductivity test board).
θJC = 1°C/W (θJC is simulated when heat sink is applied at the bottom
of the package).
Note3: The LTC3609 is tested in a feedback loop that adjusts VFB to
achieve a specified error amplifier output voltage (ITH). The specification at
85°C is not tested in production. This specification is assured by design,
characterization, and correlation to testing at 125°C.
Note4: The LTC3609 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3609E is guaranteed to meet specifications from
0°C to 125°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3609I is guaranteed over the full –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
InternalVCCRegulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
l
4.7
5
5.5
V
∆VLDO(LOADREG)
Internal VCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 4V
–0.1
±2
%
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, VEXTVCC Rising
l
4.5
4.7
V
∆VEXTVCC
EXTVCC Switch Drop Voltage
ICC = 20mA, VEXTVCC = 5V
150
300
mV
∆VEXTVCC(HYS)
EXTVCC Switchover Hysteresis
500
mV
PGOODOutput
∆VFBH
PGOOD Upper Threshold
VFB Rising
7
10
13
%
∆VFBL
PGOOD Lower Threshold
VFB Falling
–7
–10
–13
%
∆VFB(HYS)
PGOOD Hysteresis
VFB Returning
1
2.5
%
VPGL
PGOOD Low Voltage
IPGOOD = 5mA
0.15
0.4
V
TransientResponse
TransientResponse
(DiscontinuousMode)
Start-Up
LOAD STEP 0A TO 5A
VIN = 25V
VOUT = 2.5V
FCB = 0V
FIGURE 6 CIRCUIT
3609 G01
20µs/DIV
VOUT
200mV/DIV
IL
5A/DIV
ILOAD
5A/DIV
LOAD STEP 1A TO 6A
VIN = 25V
VOUT = 2.5V
FCB = INTVCC
FIGURE 6 CIRCUIT
3609 G02
20µs/DIV
VOUT
200mV/DIV
IL
5A/DIV
ILOAD
5A/DIV
VIN = 12V
VOUT = 2.5V
RLOAD = 0.5
FIGURE 6 CIRCUIT
3609 G03
40ms/DIV
RUN/SS
2V/DIV
VOUT
1V/DIV
IL
5A/DIV
Typical perForMance characTerisTics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com