Electronic Components Datasheet Search
  English  ▼

X  

LTC3609 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3609 Datasheet HTML 2Page - Linear Technology LTC3609 Datasheet HTML 3Page - Linear Technology LTC3609 Datasheet HTML 4Page - Linear Technology LTC3609 Datasheet HTML 5Page - Linear Technology LTC3609 Datasheet HTML 6Page - Linear Technology LTC3609 Datasheet HTML 7Page - Linear Technology LTC3609 Datasheet HTML 8Page - Linear Technology LTC3609 Datasheet HTML 9Page - Linear Technology LTC3609 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC3609

3609fb
Typical perForMance characTerisTics
INPUT VOLTAGE (V)
4
10
3609 G17
0
2
4
6
8
12
20
28
36
RUN/SS VOLTAGE (V)
1.65
0
3
6
9
12
15
1.90 2.15
2.65 2.90 3.15 3.40
2.40
3609 G15
FIGURE 6 CIRCUIT
TEMPERATURE (°C)
–50
200
250
300
25
75
3609 G13
150
100
–25
0
50
100
125
50
0
IION = 30µA
VVON = 0V
VFB (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
3609 G18
10
0
2
4
6
8
VRNG VOLTAGE (V)
0.5
0
3
6
9
12
15
0.6
0.7
0.8
3609 G14
0.9
1.2
1.1
1.0
FIGURE 6 CIRCUIT
TEMPERATURE (°C)
–50 –25
0
50
75
3609 G16
25
100 125
0
3
6
9
12
15
On-TimevsTemperature
MaximumValleyCurrentLimit
inFoldback
MaximumValleyCurrentLimit
vsVRNGVoltage
MaximumValleyCurrentLimit
vsRUN/SSVoltage
MaximumValleyCurrentLimit
vsTemperature
MaximumValleyCurrentvsInput
Voltage
TEMPERATURE (°C)
–50 –25
1.0
1.4
2.0
0
50
75
3609 G20
1.2
1.8
1.6
25
100 125
INPUT VOLTAGE (V)
0
800
1000
1400
1200
15
25
3609 G21
600
400
5
10
20
30
200
0
30
25
15
5
40
35
20
10
0
EXTVCC OPEN
EXTVCC = 5V
SHUTDOWN
ErrorAmplifiergmvsTemperature
InputandShutdownCurrents
vsInputVoltage
TEMPERATURE (°C)
–50
0.58
0.59
0.60
0.61
0.62
–25
0
25
50
3609 G19
75
100 125
FeedbackReferenceVoltage
vsTemperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com