Electronic Components Datasheet Search
  English  ▼

X  

LTC3609 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3609
Description  32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3609 Datasheet(HTML) 3 Page - Linear Technology

  LTC3609 Datasheet HTML 1Page - Linear Technology LTC3609 Datasheet HTML 2Page - Linear Technology LTC3609 Datasheet HTML 3Page - Linear Technology LTC3609 Datasheet HTML 4Page - Linear Technology LTC3609 Datasheet HTML 5Page - Linear Technology LTC3609 Datasheet HTML 6Page - Linear Technology LTC3609 Datasheet HTML 7Page - Linear Technology LTC3609 Datasheet HTML 8Page - Linear Technology LTC3609 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC3609

3609fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MainControlLoop
SVIN
Operating Input Voltage Range
4
32
V
IQ
Input DC Supply Current
Normal
Shutdown Supply Current
900
15
2000
30
µA
µA
VFB
Feedback Reference Voltage
ITH = 1.2V (Note 3)
–40°C to 85°C
–40°C to 125°C
l
0.594
0.590
0.600
0.600
0.606
0.610
V
V
∆VFB(LINEREG)
Feedback Voltage Line Regulation
VIN = 4V to 30V, ITH = 1.2V (Note 3)
0.002
%/V
∆VFB(LOADREG)
Feedback Voltage Load Regulation
ITH = 0.5V to 1.9V (Note 3)
–0.05
–0.3
%
IFB
Feedback Input Current
VFB = 0.6V
–5
±50
nA
gm(EA)
Error Amplifier Transconductance
ITH = 1.2V (Note 3)
l
1.4
1.7
2
mS
VFCB
Forced Continuous Threshold
l
0.54
0.6
0.66
V
IFCB
Forced Continuous Pin Current
VFCB = 0.6V
–1
–2
µA
tON
On-Time
ION = 60µA, VON = 1.5V
ION = 60µA, VON = 0V
220
280
110
340
ns
ns
tON(MIN)
Minimum On-Time
ION = 180µA, VON = 0V
60
100
ns
tOFF(MIN)
Minimum Off-Time
ION = 30µA, VON = 1.5V
320
500
ns
IVALLEY(MAX)
Maximum Valley Current
VRNG = 0V, VFB = 0.56V, FCB = 0V
VRNG = 1.2V, VFB = 0.56V, FCB = 0V
l
l
4
6
9
14
A
A
IVALLEY(MIN)
Maximum Reverse Valley Current
VRNG = 0V, VFB = 0.64V, FCB = 0V
VRNG = 1.2V, VFB = 0.64V, FCB = 0V
4
7
A
A
∆VFB(OV)
Output Overvoltage Fault Threshold
7
10
13
%
VRUN/SS(ON)
RUN Pin Start Threshold
l
0.8
1.5
2
V
VRUN/SS(LE)
RUN Pin Latchoff Enable Threshold
RUN/SS Pin Rising
4
4.5
V
VRUN/SS(LT)
RUN Pin Latchoff Threshold
RUN/SS Pin Falling
3.5
4.2
V
IRUN/SS(C)
Soft-Start Charge Current
VRUN/SS = 0V
–0.5
–1.2
–3
µA
IRUN/SS(D)
Soft-Start Discharge Current
VRUN/SS = 4.5V, VFB = 0V
0.8
1.8
3
µA
VIN(UVLO)
Undervoltage Lockout
VIN Falling
l
3.4
3.9
V
VIN(UVLOR)
Undervoltage Lockout Release
VIN Rising
l
3.5
4
V
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
18
13
27
22
m
Ω
mΩ
elecTrical characTerisTics
Theldenotesthespecificationswhichapplyoverthefulloperating
junctiontemperaturerange,otherwisespecificationsareatTA=25°C.VIN=15Vunlessotherwisenoted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com